Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611S-17-XXXUC-R Datasheet(PDF) 9 Page - PhaseLink Corporation

Part # PL611S-17-XXXUC-R
Description  1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-17-XXXUC-R Datasheet(HTML) 9 Page - PhaseLink Corporation

  PL611S-17-XXXUC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 6Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 7Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 8Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
(Preliminary)PL611s-17
1.8V-3.3V PicoPLL
TM KHz to MHz Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/04/07 Page 9
ORDERING INFORMATION (GREEN PACKAGE COMPLIANT)
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type and Operating temperature range
PL611s-17-XXX X X X
Part/Order Number
Marking†
Package Option
PL611s-17-XXXGC-R
XXX
6-Pin DFN (Tape and Reel)
PL611s-17-XXXUC-R
XXX
6-Pin SC70 (Tape and Reel)
PL611s-17-XXXTC-R
17XXX
6-Pin SOT23 (Tape and Reel)
†
Note: ‘XXX’ designates marking identifier that could be independent of the part number.
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
Solder reflow profile available at www.phaselink.com/QA/solderingGreen.pdf
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
G=DFN-6L
U=SC70-6L
T=SOT-6L
3 DIGIT ID Code *
(will be assigned at
programming time)
NONE= TUBE
R=TAPE and REEL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com