Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL660 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PL660
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL660 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PL660 Datasheet HTML 1Page - PhaseLink Corporation PL660 Datasheet HTML 2Page - PhaseLink Corporation PL660 Datasheet HTML 3Page - PhaseLink Corporation PL660 Datasheet HTML 4Page - PhaseLink Corporation PL660 Datasheet HTML 5Page - PhaseLink Corporation PL660 Datasheet HTML 6Page - PhaseLink Corporation PL660 Datasheet HTML 7Page - PhaseLink Corporation PL660 Datasheet HTML 8Page - PhaseLink Corporation PL660 Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 4
BOARD LAYOUT CONSIDERATIONS AND CRYSTAL SPECIFICATIONS
BOARD LAYOUT CONSIDERATIONS
To minimize parasitic effects and improve performance, do the following:
•
Place the crystal as close as possible to the IC.
•
Make the board traces that are connected to the crystal pins symmetrical. The board trace
symmetry is very important, as it reduces the negative parasitic effects to produce clean
frequency multiplication with low jitter.
CRYSTAL SPECIFICATIONS
CL (xtal)
ESR(RE)
C0
C0/C1
Part Number
Crystal
Resonator
Frequency
(FXIN)
Mode
Typical
Max.
Max.
Max.
PL660-08
PL660-09
25~75MHz
Fundamental or
3rd overtone
5 pF
30 Ω
4.5 pF
N.A.
PL663-07
PL663-08
PL663-09
30~80MHz
Fundamental or
3rd overtone
5 pF
30 Ω
4.5 pF
N.A.
PL663-17
PL663-18
PL663-19
75~140MHz
Fundamental or
3rd overtone
5 pF
60 Ω
4.0 pF
N.A.
PL663-28
PL663-29
140~200MHz
Fundamental or
3rd overtone
5 pF
60 Ω
4.0 pF
N.A.
Note: Non-specified parameters can be chosen as standard values from crystal suppliers.
CL ratings larger than 5pF require a crystal frequency adjustment.
Request detailed crystal specifications from PhaseLink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com