Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL660-08 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL660-08
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL660-08 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL660-08 Datasheet HTML 1Page - PhaseLink Corporation PL660-08 Datasheet HTML 2Page - PhaseLink Corporation PL660-08 Datasheet HTML 3Page - PhaseLink Corporation PL660-08 Datasheet HTML 4Page - PhaseLink Corporation PL660-08 Datasheet HTML 5Page - PhaseLink Corporation PL660-08 Datasheet HTML 6Page - PhaseLink Corporation PL660-08 Datasheet HTML 7Page - PhaseLink Corporation PL660-08 Datasheet HTML 8Page - PhaseLink Corporation PL660-08 Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 1
DESCRIPTION
PhaseLink’s Analog Frequency Multipliers
TM
(AFMs) are the industry’s first “Balanced Oscillator”
utilizing analog multiplication of the fundamental
frequency (at double or quadruple frequency),
combined with an attenuation of the fundamental of
the reference crystal, without using a phase-locked
loop (PLL), in CMOS technology.
PhaseLink’s patent pending PL66x family of AFM
products can achieve up to 800 MHz differential
PECL, LVDS, or single-ended CMOS output with
little jitter or phase noise deterioration.
PL66x-xx family of products utilize a low-power
CMOS technology and are housed in GREEN/
RoHS compliant 16-pin TSSOP and 3x3 QFN
packages.
FEATURES
• Non-PLL frequency multiplication
• Input frequency from 30-200 MHz
• Output frequency from 60-800 MHz
• Low phase noise and jitter (equivalent to fundamental
at the output frequency)
• Ultra-low jitter
o
RMS phase jitter < 0.25 ps (12 kHz to 20 MHz)
o
RMS period jitter < 2.5 ps typ.
• Low phase noise
o
-145 dBc/Hz @ 100 kHz offset from 155.52 MHz
o
-150 dBc/Hz @ 10 MHz offset from 155.52 MHz
• Low input frequency eliminates the need for expensive
crystals
• Differential PECL/LVDS, or single-ended CMOS output
• Single 2.5V or 3.3V +/- 10% power supply
• Optional industrial temperature range (-40°C to +85°C)
• Available in 16-pin GREEN/RoHS compliant TSSOP, and
16-pin 3x3 QFN packages.
Figure 1: 2X AFM Phase Noise at 212.5 MHz (106.25 MHz 3
rd overtone crystal)


Similar Part No. - PL660-08

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PL6 DBLECTRO-PL6 Datasheet
369Kb / 2P
Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
List of Unclassifed Man...
PL60 ETC1-PL60 Datasheet
118Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL60 EDI-PL60 Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
logo
Micrel Semiconductor
PL600-27T MICREL-PL600-27T Datasheet
358Kb / 7P
Low Power 3 Output XO
PL600-27TSC MICREL-PL600-27TSC Datasheet
358Kb / 7P
Low Power 3 Output XO
More results

Similar Description - PL660-08

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
Analog Multiplier
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
Analog Frequency Multiplier
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
Analog Frequency Multiplier
logo
Mini-Circuits
RMK-3-722+ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
Analog Frequency Multiplier
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
Analog Frequency Multiplier
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
Analog Frequency Multiplier
logo
Mini-Circuits
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com