Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL663-07 Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PL663-07
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL663-07 Datasheet(HTML) 6 Page - PhaseLink Corporation

Back Button PL663-07 Datasheet HTML 2Page - PhaseLink Corporation PL663-07 Datasheet HTML 3Page - PhaseLink Corporation PL663-07 Datasheet HTML 4Page - PhaseLink Corporation PL663-07 Datasheet HTML 5Page - PhaseLink Corporation PL663-07 Datasheet HTML 6Page - PhaseLink Corporation PL663-07 Datasheet HTML 7Page - PhaseLink Corporation PL663-07 Datasheet HTML 8Page - PhaseLink Corporation PL663-07 Datasheet HTML 9Page - PhaseLink Corporation PL663-07 Datasheet HTML 10Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 6
• There are two default variables that normally will not need to be modified. These are Cpad, and C11 and are
found in cells B22 and B27 of ‘AFM Tuning Assistant’, respectively.
• LWB1 is the combined stray inductance in the layout. The DIE wire bond is ~ 0.6 nH and in the case of a
leaded part an additional 1.0 nH is added. Your layout inductance must be added to these. There are 2 of
these and they are assumed to be approximately symmetrical so you only need to enter this inductance once
in cell B23.
• Enter the stray parasitic capacitance into cell B26. An additional 0.5 pF must be added to this value if a
leaded part is used.
• Enter the appropriate value for Cinternal into B21 based on the device used (see column D). Use the ‘AFM
Tuning Assistant’ software to calculate L2X (and C2X if used) for your resonance frequency.
• For 4X AFMs, repeat the same procedure in the L4X worksheet.
• See the examples below.
DETERMINING STRAY L’s AND C’s IN A LAYOUT
Figure 6: Diagram Representation of PL660-08 Board Layout
Let’s take the PL660-08 (4x XO) for example, as shown in Figure 6. This takes a crystal input range of 30 to 80
MHz and multiplies this to an output of 120 to 320 MHz. To determine the stray L’s and C’s of the layout we will
assemble two test units. One AFM will be tuned to the lower range of the device (120 MHz), and the other to the
upper range of the device (320 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com