Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1221 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1221
Description  150MHz, 250V/ms, A 4 Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1221 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1221 Datasheet HTML 2Page - Linear Technology LT1221 Datasheet HTML 3Page - Linear Technology LT1221 Datasheet HTML 4Page - Linear Technology LT1221 Datasheet HTML 5Page - Linear Technology LT1221 Datasheet HTML 6Page - Linear Technology LT1221 Datasheet HTML 7Page - Linear Technology LT1221 Datasheet HTML 8Page - Linear Technology LT1221 Datasheet HTML 9Page - Linear Technology LT1221 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1221
TYPICAL PERFORMANCE CHARACTERISTICS
Large Signal, AV = 4
Small Signal, AV = 4
VS = ±15V
VIN = 25mV
f = 5MHz
LT1221 • TPC19
VS = ±15V
VIN = 5VP-P
f = 2MHz
LT1221 • TPC20
Large Signal, AV = 4,
CL = 10,000pF
LT1221 • TPC21
f = 20kHz
VS = ±15V
VIN = 5VP-P
Small Signal, AV = – 4
VS = ±15V
VIN = 25mV
f = 5MHz
LT1221 • TPC22
VS = ±15V
VIN = 5VP-P
f = 2MHz
LT1221 • TPC23
LT1221 • TPC24
f = 500kHz
VS = ±15V
VIN = 42mV
Large Signal, AV = – 4
Small Signal, AV = – 4,
CL = 1,000pF
APPLICATIONS INFORMATION
The LT1221 is stable in noise gains of 4 or greater and may
be inserted directly into HA2520/2/5, HA2541/2/4, AD817,
AD847, EL2020, EL2044 and LM6361 applications, pro-
vided that the nulling circuitry is removed and the ampli-
fier configuration has a high enough noise gain. The
suggested nulling circuit for the LT1221 is shown in the
following figure.
Layout and Passive Components
The LT1221 amplifier is easy to apply and tolerant of less
than ideal layouts. For maximum performance (for ex-
ample, fast settling time) use a ground plane, short lead
lengths and RF-quality bypass capacitors (0.01
µFto0.1µF).
For high drive current applications use low ESR bypass
capacitors (1
µF to 10µF tantalum). Sockets should be
avoided when maximum frequency performance is re-
quired, although low profile sockets can provide reason-
able performance up to 50MHz. For more details see
Design Note 50. Feedback resistors greater than 5k are not
recommended because a pole is formed with the input
capacitance which can cause peaking or oscillations.
Input Considerations
Bias current cancellation circuitry is employed on the
inputs of the LT1221 so the input bias current and input
LT1221 • AI01
V+
V–
0.1
µF
0.1
µF
5k
3
2
4
7
6
8
1
LT1221
+
–
Offset Nulling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com