Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611S-28-XXXUC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL611S-28-XXXUC-R
Description  1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-28-XXXUC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL611S-28-XXXUC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-28-XXXUC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-28-XXXUC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-28-XXXUC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-28-XXXUC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-28-XXXUC-R Datasheet HTML 6Page - PhaseLink Corporation PL611S-28-XXXUC-R Datasheet HTML 7Page - PhaseLink Corporation PL611S-28-XXXUC-R Datasheet HTML 8Page - PhaseLink Corporation PL611S-28-XXXUC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
(Preliminary)PL611 s-28
1.8V-3.3V PicoPLL
TM, World’s Smallest Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 3/9/07 Page 1
FEATURES
• Designed for Very Low-Power applications
• Offered in Tiny GREEN/RoHS compliant packages
o
6-pin DFN (2.0mmx1.3mmx0.6mm)
o
6-pin SC70 (2.3mmx2.25mmx1.0mm)
o
6-pin SOT23 (3.0mmx3.0mmx1.35mm)
• Input Frequency:
o
Fundamental Crystal: 10MHz to 50MHz
o
Reference Input: 1MHz to 200MHz
• Accepts >0.1V reference signal input voltage
• Output Frequency:
o
<65MHz @ 1.8V operation
o
<90MHz @ 2.5V operation
o
<125MHz @ 3.3V operation
• Disabled outputs programmable as HiZ or Active Low.
• Low current consumption:
o
<1.2mA @ 27MHz
o
< 5 A when PDB is activated
• Single 1.8V, 2.5V, or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
DESCRIPTION
The PL611s-28 consumes very low-power while
producing high performance clock outputs of up to
55MHz. Designed for low-power applications with
very stringent space requirement, PL611s-28
consumes about 1.2mA, while producing 2 distinct
outputs of 27MHz and 13.5MHz. Designed to fit in a
small SOT, SC70, or SOT23 package for high
performance applications, the PL611s-28 offers
excellent phase noise and jitter performance. The
power down feature of PL611s-28, when activated,
allows the IC to consume less than 5 A of power,
while its programming flexibility allows generating
any output, using a low-cost crystal or reference
input. In addition, one programmable I/O pin can be
configured as Output Enable (OE), Frequency
switching (FSEL), Power Down (PDB) input, or CLK1
(FOUT, FREF, FREF/2) output.
PACKAGE PIN CONFIGURATION
BLOCK DIAGRAM
Phase
Detector
Charge
Pump
Loop
Filter
VCO
XIN/FIN
XOUT
R-counter
(8-Bit)
Fvco=Fref* (2 * M /R)
Fout=Fvco / (2 *P)
CLK0
Fref
Programming
Logic
OE, FSEL,
PDB, CLK1
XTAL
OSC
(11-Bit)
(5-Bit)
M-counter
P-counter
Programmable
CLoad
Programmable Function
1
2
3
4
5
6
OE, PDB,
FSEL, CLK1
GND
XIN/FIN
VDD
XOUT
CLK0
DFN
DFN
DFN
DFN----6
6
6
6L
L
L
L
((((2
2
2
2....0
0
0
0mmx
mmx
mmx
mmx1
1
1
1....3
3
3
3mmx
mmx
mmx
mmx0
0
0
0....6
6
6
6mm
mm
mm
mm))))
SOT
SOT
SOT
SOT23
23
23
23----6
6
6
6L
L
L
L
((((3
3
3
3....0
0
0
0mmx
mmx
mmx
mmx3
3
3
3....0
0
0
0mmx
mmx
mmx
mmx1
1
1
1....35
35
35
35mm
mm
mm
mm))))
1
2
3
4
5
6
VDD
GND
CLK0
SC
SC
SC
SC70
70
70
70----6
6
6
6L
L
L
L
((((2
2
2
2....3
3
3
3mmx
mmx
mmx
mmx2
2
2
2....25
25
25
25mmx
mmx
mmx
mmx1
1
1
1....0
0
0
0mm
mm
mm
mm))))
XIN/FIN
OE, PDB,
FSEL, CLK1
XIN/FIN
GND
XOUT
VDD
CLK0
OE, PDB, FSEL, CLK1
1
2
3
6
5
4
XOUT


Similar Part No. - PL611S-28-XXXUC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGC PLL-PL611S-26-XXXGC Datasheet
199Kb / 8P
1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGC-R PLL-PL611S-26-XXXGC-R Datasheet
199Kb / 8P
1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGCR PLL-PL611S-26-XXXGCR Datasheet
199Kb / 8P
1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGI PLL-PL611S-26-XXXGI Datasheet
199Kb / 8P
1.8V-3.3V PicoPLLTM Programmable Clock
More results

Similar Description - PL611S-28-XXXUC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
1.8V to 3.3V PicoPLLTM Programmable Clock
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
The world?셲 smallest surface mount tantalum capacitor
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com