Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL500-15SC Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL500-15SC
Description  Low Phase Noise VCXO (1MHz to 18MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-15SC Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL500-15SC Datasheet HTML 1Page - PhaseLink Corporation PLL500-15SC Datasheet HTML 2Page - PhaseLink Corporation PLL500-15SC Datasheet HTML 3Page - PhaseLink Corporation PLL500-15SC Datasheet HTML 4Page - PhaseLink Corporation PLL500-15SC Datasheet HTML 5Page - PhaseLink Corporation PLL500-15SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(Preliminary)
PLL500-15/16
Low Phase Noise VCXO (1MHz to 18MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 10/12/06 Page 5
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
SOIC 8L
SOT-23 6L
Dimension in MM
Symbol
Min.
Max.
A
1.35
1.75
A1
0.10
0.25
A2
1.25
1.50
B
0.33
0.53
C
0.19
0.27
D
4.80
5.00
E
3.80
4.00
H
5.80
6.20
L
0.40
0.89
e
1.27 BSC
Dimension in MM
Symbol
Min.
Max.
A
1.05
1.35
A1
0.05
0.15
A2
1.00
1.20
B
0.30
0.50
C
0.08
0.20
D
2.80
3.00
E
1.50
1.70
H
2.60
3.00
L
0.35
0.55
e
0.95 BSC
C
L
A2
E
H
D
A1
e
b
A
C
L
A2
E
H
D
A1
e
b
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com