Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2645 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2645
Description  Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2645 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2645_1 Datasheet HTML 1Page - Maxim Integrated Products MAX2645_1 Datasheet HTML 2Page - Maxim Integrated Products MAX2645_1 Datasheet HTML 3Page - Maxim Integrated Products MAX2645_1 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX2645 Evaluation Kit
2
_______________________________________________________________________________________
Test Equipment Required
This section lists the test equipment required for evalu-
ating the MAX2645:
•
One DC power supply capable of supplying 20mA
of supply current over the supply voltage range
+3.0V to +5.5V
•
One RF-signal generator or equivalent (50
Ω) sine-
wave source capable of delivering at least -10dBm
of output power up to 3.8GHz (HP 8648, for exam-
ple)
•
One RF-spectrum analyzer or equivalent with a
frequency range of at least 4GHz (HP 8561E, for
example)
•
Two 50
Ω SMA cables (RG-58A/U or equivalent)
•
Optional: Digital multimeters (DMMs) to monitor DC
supply voltage and supply current
•
Optional: Power meter for calibrating system mea-
surements (HP 438A for example)
Connections and Setup
This section provides step-by-step instructions for set-
ting up the EV kit and ensuring proper operation:
1) DC Power Supply: Set the DC power supply volt-
age to +3.3V. Turn the power supply off and con-
nect it to the VCC and GND connections on the EV
kit. If desired, place an ammeter in series with the
power supply to measure supply current and a volt-
meter in parallel with the VCC and GND connec-
tions to measure supply voltage at the device.
2) RF Signal Generator: Connect one of the 50
Ω
SMA cables to the RF output of the signal genera-
tor. Set the RF frequency of the signal generator to
3.55GHz at an output power level of -20dBm. To
improve measurement accuracy, use a power
VCC
VCC
GAIN
RFIN
BIAS
GND
RFOUT
RFOUT
GND
GND
GND
MAX2645
SHDN
1
0
1
0
VCC
VCC
SHDN
JU2
GAIN
JU1
C9
1000pF
C10
10
µF
C4
0.75pF
40
°
294mils
8
8
7
9
C8
0.1
µF
C8
0.1
µF
C6
0.1
µF
C3
47pF
R3
1k
R2
1k
RFIN
1
2
3
4
5
C1
R1
C2
220pF
RADIAL STUB
*
Z1
TLINE
LEQUIV = 1.5nH
APPLICATION CIRCUIT
LNA, LOW NF
LNA, HIGH INPUT IP3
PA PREDRIVER
C1
1000pF
0.01
µF
1.5pF
Z1
1.8nH
0.75pF
0.75pF
RBIAS (k
Ω)
20
20
15
VCC (V)
3.3
3.3
5.0
*BOARD MATERIAL = GETek, COPPER THICKNESS = 1 oz
BOARD THICKNESS = 0.012in, DIELECTRIC CONSTANT = 3.8
Figure 1. MAX2645 EV Kit Schematic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com