Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL520-06 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL520-06
Description  Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-06 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL520-06 Datasheet HTML 1Page - PhaseLink Corporation PLL520-06 Datasheet HTML 2Page - PhaseLink Corporation PLL520-06 Datasheet HTML 3Page - PhaseLink Corporation PLL520-06 Datasheet HTML 4Page - PhaseLink Corporation PLL520-06 Datasheet HTML 5Page - PhaseLink Corporation PLL520-06 Datasheet HTML 6Page - PhaseLink Corporation PLL520-06 Datasheet HTML 7Page - PhaseLink Corporation PLL520-06 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PLL520-05/-06/-07/-08/-09
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 2
PIN DESCRIPTIONS
Name
TSSOP*
Pin number
3x3mm QFN*
Pin number
Type
Description
XIN
2
13
I
Crystal in connector.
XOUT
3
14
I
Crystal out connector.
OE
6
16
I
Output enable pin.
VCON
7
1
I
Frequency control input (0.3V to 3.0V)
GND
8,9, 10, 14
2,3,4,8,12
P
Ground (except pin 12 on PLL520-06: DRIVSEL see below).
DRIVSEL**
-
12
I
PLL520-06 only: Drive Select Input. This pin has an internal
pull-up that will default DRIVSEL to ‘1’ when not connect to
GND. CMOS output of PLL520-06 will be high drive CMOS
when DRIVSEL is set to ‘0’, and will be standard CMOS
otherwise.
CLKT
11
5
O
True output PECL (PLL520-08) or LVDS (PLL520-09)
(N/C for PLL520-07)
CLKC
13
7
O
Complementary output PECL (PLL520-08) or LVDS
(PLL520-09)
(CMOS out for PLL520-07).
SEL0
16
10
I
SEL1
15
9
I
SEL2
5
15
I
SEL3
4
Not available
I
Multiplier selector pins. These pins have an internal pull-up
that will default SEL to ‘1’ when not connected to GND.
VDD
1, 12
6,11
P
+3.3V power supply.
* Note: PLL520-06 only available in 3x3mm QFN, PLL520-07 only available in TSSOP.
** Note: DRIVSEL on pin 12 on PLL520-06 only.
FREQUENCY SELECTION TABLE
SEL3*
SEL2
SEL1
SEL0
Selected Multiplier
0*
0
1
1
Fin x 8 (PLL520-09 in TSSOP only)
1*
0
1
1
Fin x 4
1*
1
1
0
Fin x 2
1*
1
1
1
No multiplication
Note *: SEL3 is not available (always “1”) in 3x3mm package
All pins have internal pull-ups (default value is 1). Connect to GND to set to 0.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com