Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL560-47OCLR Datasheet(PDF) 12 Page - PhaseLink Corporation

Part # PL560-47OCLR
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL560-47OCLR Datasheet(HTML) 12 Page - PhaseLink Corporation

Back Button PL560-47OCLR Datasheet HTML 7Page - PhaseLink Corporation PL560-47OCLR Datasheet HTML 8Page - PhaseLink Corporation PL560-47OCLR Datasheet HTML 9Page - PhaseLink Corporation PL560-47OCLR Datasheet HTML 10Page - PhaseLink Corporation PL560-47OCLR Datasheet HTML 11Page - PhaseLink Corporation PL560-47OCLR Datasheet HTML 12Page - PhaseLink Corporation PL560-47OCLR Datasheet HTML 13Page - PhaseLink Corporation PL560-47OCLR Datasheet HTML 14Page - PhaseLink Corporation PL560-47OCLR Datasheet HTML 15Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Analog Frequency Multiplier
PL560-xx VCXO Family
47745 Fremont Blvd., Fremont, CA 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev.:02-09-07 Page 12
BOARD DESIGN AND LAYOUT CONSIDERATIONS
L2X and L4X: Try to reduce the PCB trace
inductance to a minimum by placing L2X and L4X as
physically close to their respective pins as possible.
Also be sure to bypass each Vdd connection
especially taking care to place a 0.01 uF bypass at
the Vdd side of L2X and L4X (see recommended
layout).
Crystal connections: Be sure to keep the ground
plane under the crystal connections continuous so
that the stray capacitance is consistent on both
crystal connections. Also be sure to keep the crystal
connections symmetrical with respect to one another
and the crystal connection pins of the IC. If you
chose to use a series capacitance and or inductor to
fine tune the crystal frequency be sure to put
symmetrical pads for this cap on both crystal pins
(see Cadj in recommended layout), even if one of
the capacitors will be a 0.01 uF and the other is
used to tune the frequency. To further maintain a
symmetrical balance on a crystal that may have
more internal Cstray on one pin or the other, place
capacitor pads (Cbal) on each crystal lead to ground
(see recommended layout). R3rd is only required if
a 3rd overtone crystal is used.
VDD and GND: Bypass VDDANA and VDDBUF with
separate bypass capacitors and if a VDD plane is
used, feed each bypass cap with its own via. Be
sure to connect any ground pin including the bypass
caps with short via connections to the ground plane.
OESEL: J1 is recommended so the same PCB
layout can be used for both OESEL settings.
2X Layout (TSSOP)
4X Layout (TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com