Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL560-47QCLR Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL560-47QCLR
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL560-47QCLR Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL560-47QCLR Datasheet HTML 1Page - PhaseLink Corporation PL560-47QCLR Datasheet HTML 2Page - PhaseLink Corporation PL560-47QCLR Datasheet HTML 3Page - PhaseLink Corporation PL560-47QCLR Datasheet HTML 4Page - PhaseLink Corporation PL560-47QCLR Datasheet HTML 5Page - PhaseLink Corporation PL560-47QCLR Datasheet HTML 6Page - PhaseLink Corporation PL560-47QCLR Datasheet HTML 7Page - PhaseLink Corporation PL560-47QCLR Datasheet HTML 8Page - PhaseLink Corporation PL560-47QCLR Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Analog Frequency Multiplier
PL560-xx VCXO Family
47745 Fremont Blvd., Fremont, CA 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev.:02-09-07 Page 2
O s c illa to r
A m p lif ie r
O E
Q
Q B A R
F r e q u e n c y
X 2
X IN
X O U T
L 2 X
V C O N
F r e q u e n c y
X 4
L 4 X
O n ly r e q u ir e d in x 4 d e s ig n s
Figure 2: Block Diagram of VCXO AFM
Figure 3 shows the period jitter histogram of the 2x Analog Frequency Multiplier at 311.04 MHz, while Figure 4 shows the very
low rejection levels of sub-harmonics that correspond to the exceptionally low jitter performance.
Figure 3: Period Jitter Histogram at 311.04 MHz
Figure 4: Spectrum Analysis at 311.04 MHz
Analog Frequency Multiplier (2x)
Analog Frequency Multiplier (2x)
with 155.52MHz crystal
with sub-harmonics below –72 dBc
OE LOGIC SELECTION
OUTPUT
OESEL
OE
Output State
0 (Default)
Enabled
0 (Default)
1
Tri-state
0
Tri-state
PECL
1
1 (Default)
Enabled
0
Tri-state
0 (Default)
1 (Default)
Enabled
0 (Default)
Enabled
LVDS or CMOS
1
1
Tri-state
OESEL and OE: Connect to VDD to set to “1”, connect to GND to set to “0”. Internally set to default through pull-down / -up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com