Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC170DB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC170DB
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC170DB Datasheet(HTML) 3 Page - Texas Instruments

  SN75LBC170DB Datasheet HTML 1Page - Texas Instruments SN75LBC170DB Datasheet HTML 2Page - Texas Instruments SN75LBC170DB Datasheet HTML 3Page - Texas Instruments SN75LBC170DB Datasheet HTML 4Page - Texas Instruments SN75LBC170DB Datasheet HTML 5Page - Texas Instruments SN75LBC170DB Datasheet HTML 6Page - Texas Instruments SN75LBC170DB Datasheet HTML 7Page - Texas Instruments SN75LBC170DB Datasheet HTML 8Page - Texas Instruments SN75LBC170DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SN65LBC170, SN75LBC170
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS459C − NOVEMBER 2000 − REVISED MARCH 2005
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings† over operating free−air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any bus I/O terminal (steady state)
−10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage input range, A and B, (transient pulse through 100
Ω, see Figure 12)
−30 V to 30 V
. . . . . . . . . . . . . .
Voltage range at any D or DIR terminal
− 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: Human body model (A, B, GND) (see Note 2)
12 kV
. . . . . . . . . . . . . . . . . . . . . . . . . .
All pins
5 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged-device model (all pins) (see Note 3)
1 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Power Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
2. Tested in accordance with JEDEC Standard 22, Test Method A114−A.
3. Tested in accordance with JEDEC Standard 22, Test Method C101.
POWER DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR}
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DB
995 mW
8.0 mW/
°C
635 mW
515 mW
DW
1480 mW
11.8 mW/
°C
950 mW
770 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Voltage at any bus I/O terminal
A, B
−7
12
V
High-level input voltage, VIH
D, DIR
2
VCC
V
Low-level input voltage, VIL
D, DIR
0
0.8
V
Differential input voltage, VID
A with respect to B
−12
12
V
Output current
Driver
−60
60
mA
Output current
Receiver
−8
8
mA
Operating free-air temperature, TA
SN75LBC170
0
70
°C
Operating free-air temperature, TA
SN65LBC170
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com