Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7200L20DV Datasheet(PDF) 17 Page - Texas Instruments

Part # SN74ACT7200L20DV
Description  256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7200L20DV Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN74ACT7200L20DV Datasheet HTML 13Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 14Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 15Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 16Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 17Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 18Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 19Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 20Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
SN74ACT7200L, SN74ACT7201LA, SN74ACT7202LA
256
× 9, 512 × 9, 1024 × 9
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SCAS221A – FEBRUARY 1993 – REVISED SEPTEMBER 1995
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Combining two or more devices to create one FIFO with a greater number of memory bits is accomplished in two
different ways. Width expansion increases the number of bits in each word by connecting FIFOs with the same depth
in parallel. Depth expansion uses the built-in expansion logic to daisy-chain two or more devices for applications
requiring more than 256, 512, or 1024 words of storage. Width expansion and depth expansion can be used together.
width expansion
Word-width expansion is achieved by connecting the corresponding input control to multiple devices with the
same depth. Status flags (EF, FF, and HF) can be monitored from any one device. Figure 14 shows two FIFOs
in a width-expansion configuration. Both devices have their expansion-in (XI) inputs tied to ground. This
disables the depth-expansion function of the device, allowing the first-load/retransmit (FL/RT) input to function
as a retransmit (RT) input and the expansion-out/half-full (XO/HF) output to function as a half-full (HF) flag.
depth expansion
The SN74ACT7200L / 7201LA / 7202LA is easily expanded in depth. Figure 15 shows the connections used to
depth expand three SN74ACT7200L / 7201LA / 7202LA devices. Any depth can be attained by adding additional
devices to the chain. The SN74ACT7200L / 7201LA / 7202LA operates in depth expansion under the following
conditions:
D The first device in the chain is designated by tying FL to ground.
D All other devices must have their FL inputs at a high logic level.
D XO of each device must be tied to XI of the next device.
D External logic is needed to generate a composite FF and EF. All FF outputs must be ORed together and
all EF outputs must be ORed together.
D RT and HF functions are not available in the depth-expanded configuration.
combined depth and width expansion
Both expansion techniques can be used together to increase depth and width. This is done by first creating
depth-expanded units and then connecting them in a width-expanded configuration (see Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com