Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLMUD-FKA Datasheet(PDF) 3 Page - Cree LED

Part # CLMUD-FKA
Description  CLMUD-FKA: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLMUD-FKA Datasheet(HTML) 3 Page - Cree LED

  CLMUD-FKA Datasheet HTML 1Page - Cree LED CLMUD-FKA Datasheet HTML 2Page - Cree LED CLMUD-FKA Datasheet HTML 3Page - Cree LED CLMUD-FKA Datasheet HTML 4Page - Cree LED CLMUD-FKA Datasheet HTML 5Page - Cree LED CLMUD-FKA Datasheet HTML 6Page - Cree LED CLMUD-FKA Datasheet HTML 7Page - Cree LED CLMUD-FKA Datasheet HTML 8Page - Cree LED CLMUD-FKA Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CLMUD-FKA: PLCC4 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1421
REV 4
3
INTENSITY BIN LIMIT
Red (5 mA)
Green (5 mA)
Blue (5 mA)
Bin Code
Min.(mcd)
Max.(mcd)
Bin Code
Min.(mcd)
Max.(mcd)
Bin Code
Min.(mcd)
Max.(mcd)
L8
36
45
78
126
160
L6
22
28
3g3f
41
51
D
140
180
3m3k
25
32
L9
45
56
9a
160
202
L7
28
36
3e3d
51
64
E
180
224
3j3h
32
41
L
56
71
bc
202
252
L8
36
45
3c3b
64
81
A
71
90
3a4
81
101
*
Tolerance of measurement of luminous intensity is ±10%.
COLOR BIN LIMIT
Red (5 mA)
Green (5 mA)
Blue (5 mA)
Bin Code
Min.(nm)
Max.(nm)
Bin Code
Min.(nm)
Max.(nm)
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
G7
520
525
B3
460
465
G23
522.5
527.5
B23
462.5
467.5
G8
525
530
B4
465
470
G45
527.5
532.5
B45
467.5
472.5
G9
530
535
B5
470
475
G67
532.5
537.5
Ga
535
540
*
Tolerance of measurement of dominant wavelength is ±1 nm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com