Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP253 Datasheet(PDF) 3 Page - Kemet Corporation

Part # SMP253
Description  Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMP253 Datasheet(HTML) 3 Page - Kemet Corporation

  SMP253 Datasheet HTML 1Page - Kemet Corporation SMP253 Datasheet HTML 2Page - Kemet Corporation SMP253 Datasheet HTML 3Page - Kemet Corporation SMP253 Datasheet HTML 4Page - Kemet Corporation SMP253 Datasheet HTML 5Page - Kemet Corporation SMP253 Datasheet HTML 6Page - Kemet Corporation SMP253 Datasheet HTML 7Page - Kemet Corporation SMP253 Datasheet HTML 8Page - Kemet Corporation SMP253 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
© KEMET Electronics Corporation • One East Broward Boulevard
F3142_SMP253_Y2_300 • 4/24/2024
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Class Y2
Impregnated Metallized Paper EMI Suppression Capacitors – SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
Performance Characteristics
Rated Voltage
300 VAC 50/60 Hz
Capacitance Range
1.0 – 4.7 nF
Capacitance Tolerance
±20% (at room temperature)
Temperature Range
−40°C to +110°C
Climatic Category
40/110/56/B
Approvals
ENEC, cULus
Storage Conditions
Storage time: ≤ 24 months from the date marked on the label package
Average relative humidity per year ≤ 70%
RH ≤ 85% for 30 days randomly distributed throughout the year
Dew is absent
Temperature: -40 to 80°C (see "Maximum Humidity in Storage Conditions" graph below)
Dissipation Factor (tanδ) at 1 kHz
Maximum Values at +23°C
≤ 1.3%
Test Voltage Between Terminals
The 100% screening factory test is carried out at 3,200 VDC. The voltage level is selected to
meet the requirements in applicable equipment standards. All electrical characteristics are
checked after the test.
This test may not be repeated due to potential capacitor damage. KEMET is not liable for any
failures that result from repeating the test.
Insulation Resistance
Between Terminals
≥ 12,000 MΩ
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20
40
60
80
Temperature (°C)
Maximum Humidity in Storage Condition
30 Days
Annual Average



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com