Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2607 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2607
Description  16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2607 Datasheet(HTML) 2 Page - Linear Technology

  LTC2607 Datasheet HTML 1Page - Linear Technology LTC2607 Datasheet HTML 2Page - Linear Technology LTC2607 Datasheet HTML 3Page - Linear Technology LTC2607 Datasheet HTML 4Page - Linear Technology LTC2607 Datasheet HTML 5Page - Linear Technology LTC2607 Datasheet HTML 6Page - Linear Technology LTC2607 Datasheet HTML 7Page - Linear Technology LTC2607 Datasheet HTML 8Page - Linear Technology LTC2607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC2607/LTC2617/LTC2627
26071727f
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART
NUMBER
PACKAGE/ORDER I FOR ATIO
Any Pin to GND ........................................... – 0.3V to 6V
Any Pin to VCC ........................................................ – 6V to 0.3V
Maximum Junction Temperature ......................... 125
°C
Storage Temperature Range ................ – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
DE12 PART MARKING*
LTC2607CDE
LTC2607IDE
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
Operating Temperature Range:
LTC2607C/LTC2617C/LTC2627C
LTC2607C-1/LTC2617C-1/LTC2627C-1 ... 0
°C to 70°C
LTC2607I/LTC2617I/LTC2627I
LTC2607I-1/LTC2617I-1/LTC2627I-1 .. – 40
°C to 85°C
ORDER PART
NUMBER
DE12 PART MARKING*
LTC2617CDE
LTC2617IDE
ORDER PART
NUMBER
DE12 PART MARKING*
LTC2627CDE
LTC2627IDE
ELECTRICAL C
C
HARA TERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), REFLO = 0V,
VOUT unloaded, unless otherwise noted.
LTC2627/LTC2627-1 LTC2617/LTC2617-1 LTC2607/LTC2607-1
LTC2607CDE-1
LTC2607IDE-1
LTC2617CDE-1
LTC2617IDE-1
LTC2627CDE-1
LTC2627IDE-1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC Performance
Resolution
●
12
14
16
Bits
Monotonicity
(Note 2)
●
12
14
16
Bits
DNL
Differential Nonlinearity
(Note 2)
●
±0.5
±1
±1
LSB
INL
Integral Nonlinearity
(Note 2)
●
±1.5 ±4
±5
±16
±19 ±64
LSB
Load Regulation
VREF = VCC = 5V, Midscale
IOUT = 0mA to 15mA Sourcing
●
0.02 0.125
0.1
0.5
0.35
2
LSB/mA
IOUT = 0mA to 15mA Sinking
●
0.03 0.125
0.1
0.5
0.42
2
LSB/mA
VREF = VCC = 2.7V, Midscale
IOUT = 0mA to 7.5mA Sourcing
●
0.04
0.25
0.2
1
0.7
4
LSB/mA
IOUT = 0mA to 7.5mA Sinking
●
0.05
0.25
0.2
1
0.8
4
LSB/mA
ZSE
Zero-Scale Error
Code = 0
●
19
19
19
mV
VOS
Offset Error
(Note 6)
●
±1
±9
±1
±9
±1
±9mV
VOS Temperature
±7
±7
±7
µV/°C
Coefficient
GE
Gain Error
●
±0.15 ±0.7
±0.15 ±0.7
±0.15 ±0.7
%FSR
Gain Temperature
±4
±4
±4
ppm/
°C
Coefficient
TOP VIEW
13
DE12 PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) IS GND
MUST BE SOLDERED TO PCB
12
11
8
9
10
4
5
3
2
1
VOUTA
REFLO
GND
REF
VCC
VOUTB
CA0
CA1
LDAC
SCL
SDA
CA2
7
6
2607
2617
2626
26071
26171
26271
*The temperature grade is identified by a label on the shipping container.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF, Lead Free Tape and Reel: Add #TRPBF, Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com