Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2607IDE Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2607IDE
Description  16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2607IDE Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2607IDE Datasheet HTML 10Page - Linear Technology LTC2607IDE Datasheet HTML 11Page - Linear Technology LTC2607IDE Datasheet HTML 12Page - Linear Technology LTC2607IDE Datasheet HTML 13Page - Linear Technology LTC2607IDE Datasheet HTML 14Page - Linear Technology LTC2607IDE Datasheet HTML 15Page - Linear Technology LTC2607IDE Datasheet HTML 16Page - Linear Technology LTC2607IDE Datasheet HTML 17Page - Linear Technology LTC2607IDE Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC2607/LTC2617/LTC2627
26071727f
OPERATIO
Table 1. Slave Address Map
CA2
CA1
CA0
SA6 SA5 SA4 SA3 SA2 SA1 SA0
GND
GND
GND
0
0
1
0
0
0
0
GND
GND
FLOAT
0
0
1
0
0
0
1
GND
GND
VCC
001
0
010
GND
FLOAT
GND
0
0
1
0
0
1
1
GND
FLOAT
FLOAT
0
1
0
0
0
0
0
GND
FLOAT
VCC
010
0
001
GND
VCC
GND
010
0
010
GND
VCC
FLOAT
0
1
0
0
0
1
1
GND
VCC
VCC
011
0
000
FLOAT
GND
GND
0
1
1
0
0
0
1
FLOAT
GND
FLOAT
0
1
1
0
0
1
0
FLOAT
GND
VCC
011
0
011
FLOAT
FLOAT
GND
1
0
0
0
0
0
0
FLOAT
FLOAT
FLOAT
1
0
0
0
0
0
1
FLOAT
FLOAT
VCC
100
0
010
FLOAT
VCC
GND
100
0
011
FLOAT
VCC
FLOAT
1
0
1
0
0
0
0
FLOAT
VCC
VCC
101
0
001
VCC
GND
GND
1
0
1
0
0
1
0
VCC
GND
FLOAT
1
0
1
0
0
1
1
VCC
GND
VCC
110
0
000
VCC
FLOAT
GND
1
1
0
0
0
0
1
VCC
FLOAT
FLOAT
1
1
0
0
0
1
0
VCC
FLOAT
VCC
110
0
011
VCC
VCC
GND
111
0
000
VCC
VCC
FLOAT
1
1
1
0
0
0
1
VCC
VCC
VCC
111
0
010
GLOBAL ADDRESS
1
1
1
0
0
1
1
27 selectable addresses for the part. The slave address
assignments are shown in Table 1.
In addition to the address selected by the address pins, the
parts also respond to a global address. This address
allows a common write to all LTC2607, LTC2617 and
LTC2627 parts to be accomplished with one 3-byte write
transaction on the I2C bus. The global address is a 7-bit
on-chip hardwired address and is not selectable by CA0,
CA1 and CA2.
The addresses corresponding to the states of CA0, CA1
and CA2 and the global address are shown in Table 1. The
maximum capacitive load allowed on the address pins
(CA0, CA1 and CA2) is 10pF, as these pins are driven
during address detection to determine if they are floating.
Write Word Protocol
The master initiates communication with the LTC2607/
LTC2617/LTC2627 with a START condition and a 7-bit slave
address followed by the Write bit (W) = 0. The LTC2607/
LTC2617/LTC2627 acknowledges by pulling the SDA pin
low at the 9th clock if the 7-bit slave address matches the
address of the parts (set by CA0, CA1 and CA2) or the global
address. The master then transmits three bytes of data. The
LTC2607/LTC2617/LTC2627 acknowledges each byte of
data by pulling the SDA line low at the 9th clock of each data
byte transmission. After receiving three complete bytes of
data, the LTC2607/LTC2617/LTC2627 executes the com-
mand specified in the 24-bit input word.
If more than three data bytes are transmitted after a valid
7-bit slave address, the LTC2607/LTC2617/LTC2627 do
not acknowledge the extra bytes of data (SDA is high
during the 9th clock).
The format of the three data bytes is shown in Figure 3. The
first byte of the input word consists of the 4-bit command
word C3-C0, and 4-bit DAC address A3-A0. The next two
bytes consist of the 16-bit data word. The 16-bit data word
consists of the 16-, 14- or 12-bit input code, MSB to LSB,
followed by 0, 2 or 4 don’t care bits (LTC2607, LTC2617
and LTC2627 respectively). A typical LTC2607 write trans-
action is shown in Figure 4.
The command (C3-C0) and address (A3-A0) assignments
are shown in Table 2. The first four commands in the table
consist of write and update operations. A write operation
loads a 16-bit data word from the 32-bit shift register into
the input register of the selected DAC, n. An update
operation copies the data word from the input register to
the DAC register. Once copied into the DAC register, the
data word becomes the active 16-, 14- or 12-bit input
code, and is converted to an analog voltage at the DAC
output. The update operation also powers up the selected
DAC if it had been in power-down mode. The data path and
registers are shown in the Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com