Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5674 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 3 Page - Analog Devices

  AD5674 Datasheet HTML 1Page - Analog Devices AD5674 Datasheet HTML 2Page - Analog Devices AD5674 Datasheet HTML 3Page - Analog Devices AD5674 Datasheet HTML 4Page - Analog Devices AD5674 Datasheet HTML 5Page - Analog Devices AD5674 Datasheet HTML 6Page - Analog Devices AD5674 Datasheet HTML 7Page - Analog Devices AD5674 Datasheet HTML 8Page - Analog Devices AD5674 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B | Page 3 of 32
SPECIFICATIONS
AD5674/AD5674R SPECIFICATIONS
VDD pin voltage (VDD) = 2.7 V to 5.5 V, 1.62 V ≤ VLOGIC pin voltage (VLOGIC) ≤ 5.5 V, load resistance (RL) = 2 kΩ, load capacitance
(CL) = 200 pF, all specifications are TJ = −40°C to +125°C, typical at TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution
12
Bits
INL
±0.12
±1
LSB
Gain = 1
±0.12
±1
LSB
Gain = 2
Differential Nonlinearity (DNL)
±0.05
±0.1
LSB
Gain = 1
±0.05
±0.1
LSB
Gain = 2
Zero Code Error
0.8
1.6
mV
Gain = 1 or gain = 2
Offset Error
−0.75
±2
mV
Gain = 1
−0.1
±1.5
mV
Gain = 2
Full-Scale Error
−0.018
±0.14
% of FSR
Gain = 1
−0.013
±0.07
% of FSR
Gain = 2, VDD = 5.5 V
Gain Error
+0.04
±0.12
% of FSR
Gain = 1
−0.02
±0.06
% of FSR
Gain = 2
Total Unadjusted Error (TUE)
±0.03
±0.18
% of FSR
Gain = 1
±0.006
±0.14
% of FSR
Gain = 2
Offset Error Drift
±2
µV/°C
Gain = 1
DC Power Supply Rejection Ratio
(PSRR)
0.25
mV/V
DAC code = midscale, VDD = 5 V ± 10%
DC Crosstalk
±2
µV
Due to single channel, full-scale output change, internal
reference, gain = 1
±3
µV/mA
Due to load current change, external reference, gain = 2
±2
µV
Due to powering down (per channel), internal reference,
gain = 1
OUTPUT CHARACTERISTICS
Output Power-Up Voltage
0
V
Gain = 1, AD5674-1, AD5674R-1
0
V
Gain = 2, AD5674-1, AD5674R-1
1.25
V
Gain = 1, AD5674R-2
2.5
V
Gain = 2, AD5674R-2
Output Voltage Range
0
2.5
V
Gain = 1
0
5
V
Gain = 2
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 1 kΩ
Load Regulation
183
µV/mA
VDD = 5 V ± 10%, DAC code = midscale, −30 mA ≤ output
current (IOUT) ≤ +30 mA
177
µV/mA
VDD = 3 V ± 10%, DAC code = midscale, −20 mA ≤ IOUT ≤
+20 mA
Short-Circuit Current2
40
mA
Load Impedance at Rails3
25
Ω
Power-Up Time4
3
µs
Exiting power-down mode, VDD = 5 V
REFERENCE INPUT
Reference Input Current
0.8
mA
Reference voltage
(VREF) = VDD = VLOGIC = 5.5 V, gain = 1
1.6
mA
VREF = VDD = VLOGIC = 5.5 V, gain = 2
Reference Input Range
1
VDD
V
Gain = 1
1
VDD/2
V
Gain = 2
Reference Input Impedance
7
kΩ
Gain = 1
3.5
kΩ
Gain = 2
REFERENCE OUTPUT
AD5674R-1; AD5674R-2
Output Voltage5
2.4975
2.5025
V
Voltage Reference Temperature
Coefficient (TC)6, 7
2
5
ppm/°C
See the Terminology section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com