Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9084 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9084
Description  Apollo MxFE Quad, 16-Bit, 28 GSPS RF DAC and Quad, 12-Bit, 20 GSPS RF ADC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9084 Datasheet(HTML) 2 Page - Analog Devices

  AD9084 Datasheet HTML 1Page - Analog Devices AD9084 Datasheet HTML 2Page - Analog Devices AD9084 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary Data Sheet
AD9084
GENERAL DESCRIPTION
analog.com
Rev. PrA | 2 of 3
The Apollo mixed signal front-end (MxFE
®) is a highly integrated
device with a 16-bit, 28 GSPS maximum sample rate, RF digital-to-
analog converter (DAC) core, and 12-bit, 20 GSPS maximum sam-
ple rate, RF analog-to-digital converter (ADC) core. The AD9084
supports four transmit channels and four receive channels. The
AD9084 is well suited for applications requiring both wideband
ADCs and DACs to process signal(s) having wide instantaneous
bandwidth. The device features a 48 lane, 32.5 Gbps JESD204C
or 20 Gbps JESD204B data transceiver port, an on-chip clock
multiplier, and a digital signal processing (DSP) capability targeted
at either wideband or multiband, direct to RF applications. The
AD9084 also features a bypass mode that allows the full bandwidth
capability of the ADC and/or DAC cores to bypass the DSP data-
paths. The device also features low latency loopback and frequency
hopping modes targeted at phased array radar systems and elec-
tronic warfare applications.
The AD9084 is available in a 24 mm x 26 mm, 899-ball BGA and
operates within the –40°C to +110°C junction temperature range.
For additional information, contact ApolloSupport@analog.com.
Table 1. Product Listing with Distinguishing Features
Part No.
Tx
Rx
Digital Features
DAC
Ch
Max
DAC
Rate
(GSPS)
Min
Interp
Ratio
Max
Tx
BW
(GHz)
ADC
Ch
Max
ADC
Rate
(GSPS)
Min
Dec
Ratio
Max Rx
BW
(GHz)
Input
Network
FSRC
Rx to
Tx
Loopba
ck
Fast
Freq
Hopping
PFILT
CFIR
Dynamic
Config
(PFILT
CFIR,
DDC/DUC)
Spectrum
Sniffer
AD9084–DF
4
28
1x
14
4
20
1x
10
DIFF
Yes
Yes
Yes
Yes
Yes
Yes
AD9084–SE
4
28
1x
14
4
14
1x
7
SE
Yes
Yes
Yes
Yes
Yes
Yes
AD9088
8
16
1x
8
8
8
1x
4
SE
No
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com