Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1521 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1521
Description  2 x 12 W hi-fi audio power amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1521 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1521 Datasheet HTML 3Page - NXP Semiconductors TDA1521 Datasheet HTML 4Page - NXP Semiconductors TDA1521 Datasheet HTML 5Page - NXP Semiconductors TDA1521 Datasheet HTML 6Page - NXP Semiconductors TDA1521 Datasheet HTML 7Page - NXP Semiconductors TDA1521 Datasheet HTML 8Page - NXP Semiconductors TDA1521 Datasheet HTML 9Page - NXP Semiconductors TDA1521 Datasheet HTML 10Page - NXP Semiconductors TDA1521 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
July 1994
7
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifier
TDA1521
TDA1521Q
Notes
1. Power bandwidth at Po max −3 dB.
2. Ripple rejection at RS = 0 Ω, f = 100 Hz to 20 kHz; ripple voltage = 200 mV (r.m.s. value) applied to positive or
negative supply rail.
Operating mode: asymmetrical power supply; test circuit as per Fig.13;
VS = 24 V; RL = 8 Ω; Tamb = 25 °C; f = 1 kHz
Total quiescent current
Itot
18
40
70
mA
Output power
THD = 0,5%
Po
56
−
W
THD = 10%
Po
6,5
8
−
W
Total harmonic
distortion
PO = 4 W
THD
−
0,13
0,2
%
Power bandwidth
THD = 0,5%
40 to
note 1
B
20k
Hz
Voltage gain
GV
29
30
31
dB
Gain balance
∆G
V
−
0,2
1
dB
Noise output voltage
(r.m.s. value);
unweighted (20 Hz to 20 kHz)
RS = 2 kΩ
Vno(rms)
−
70
140
µV
Input impedance
Zi
14
20
26
k
Ω
Ripple rejection
SVRR
35
44
−
dB
Channel separation
RS = 0 Ωα
−
45
−
dB
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com