Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQL850CSV50 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TQL850CSV50
Description  50V, 500mA, Low-IQ 40μA Low-Dropout Linear Regulator with Enable, Reset, Watchdog Functions
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL850CSV50 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TQL850CSV50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TQL850CSV50
Taiwan Semiconductor
5
Version: A2206
BLOCK DIAGRAM
PIN DESCRIPTION
PIN NO.
NAME
FUNCTION
1
IN
Power supply pin for system
2
EN
Enable system function
3
RO/WDO
Reset and watchdog output
4
GND
Ground
5
RTH
Reset threshold adjustment
6
WDI
Watchdog monitor input
7
NC
No connect
8
OUT
Output supply voltage
Pad
--
Connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com