Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3218 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3218
Description  400mA Single Wire Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3218 Datasheet(HTML) 3 Page - Linear Technology

  LTC3218 Datasheet HTML 1Page - Linear Technology LTC3218 Datasheet HTML 2Page - Linear Technology LTC3218 Datasheet HTML 3Page - Linear Technology LTC3218 Datasheet HTML 4Page - Linear Technology LTC3218 Datasheet HTML 5Page - Linear Technology LTC3218 Datasheet HTML 6Page - Linear Technology LTC3218 Datasheet HTML 7Page - Linear Technology LTC3218 Datasheet HTML 8Page - Linear Technology LTC3218 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3218
3
3218fa
LED CURRENT (mA)
0
0
0.001
0.003
0.004
0.005
0.009
0.002
200
100
300
400
0.006
0.007
0.008
3218 G01
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Based on long-term current density limitations. Assumes an
operating duty cycle of ≤ 10% under Absolute Maximum Conditions
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Charge Pump (CPO)
Charge Pump Output Clamp Voltage
5.3
V
1:1 Mode Output Impedance
1.3
Ω
1:2 Mode Output Impedance
7
Ω
CLK Frequency
1
MHz
ENF, ENT
High Level Input Voltage (VIH)
●
1.4
V
Low Level Input Voltage (VIL)
●
0.4
V
Input Current (IIH)VEN = 3.6V
●
14.4
30
µA
Input Current (IIL)VEN = 0V
●
–1
1
µA
Flash Timeout
ENF = HIGH
2
s
ISETF, ISETT
VISET
ISET = 110µA
●
1.18
1.21
1.24
V
IISET
ENT = LOW, ENF = HIGH
●
181
µA
for durations less than 10 seconds. Maximum current for continuous
operation is 150mA.
Note 3: The LTC3218E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C ambient
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3.6V, CIN = CFLY = 2.2µF, CCPO = 4.7µF, ENF = HIGH, unless
otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
ILED Dropout Voltage
vs LED Current
ILED vs RSET
RSET (kΩ)
0
0
50
150
200
250
200
450
100
100
50
250
300
150
350
300
350
400
3218 G02
TORCH
FLASH (ENT = LOW,
ENF = HIGH)
FLASH (ENT = ENF = HIGH)
VIN (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
3218 G03
0
0.5
1.5
2.0
2.5
3.0
1.0
T = –40
°C
T = 25
°C
T = 85
°C
VIN Shutdown Current vs VIN
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com