Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3417 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3417
Description  Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417 Datasheet(HTML) 2 Page - Linear Technology

  LTC3417 Datasheet HTML 1Page - Linear Technology LTC3417 Datasheet HTML 2Page - Linear Technology LTC3417 Datasheet HTML 3Page - Linear Technology LTC3417 Datasheet HTML 4Page - Linear Technology LTC3417 Datasheet HTML 5Page - Linear Technology LTC3417 Datasheet HTML 6Page - Linear Technology LTC3417 Datasheet HTML 7Page - Linear Technology LTC3417 Datasheet HTML 8Page - Linear Technology LTC3417 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC3417
3417fb
TJMAX = 125°C, θJA = 38°C/ W
EXPOSED PAD (PIN 21) IS PGND2/GNDD
MUST BE SOLDERED TO PCB
VIN1, VIN2 Voltages ..................................... – 0.3V to 6V
MODE, SW1, SW2, RUN1,
RUN2, VFB1, VFB2, PHASE, FREQ,
ITH1, ITH2 Voltages ............. –0.3V to (VIN1/VIN2 + 0.3V)
VIN1 – VIN2, VIN2 – VIN1 ......................................... 0.3V
PGOOD Voltage .......................................... – 0.3V to 6V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
LTC3417EDHC
ORDER PART
NUMBER
3417
TJMAX = 125°C, θJA = 43°C/ W
EXPOSED PAD (PIN 17) IS PGND2/GNDD
MUST BE SOLDERED TO PCB
Operating Ambient Temperature Range
(Note 2) .................................................. – 40
°C to 85°C
Junction Temperature (Notes 7, 8) ...................... 125
°C
Storage Temperature Range
DFN Package ................................... – 65
°C to 125°C
TSSOP Package ............................... – 65
°C to 150°C
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
PGND1
SW1
PHASE
GNDA
FREQ
PGOOD
SW2
MODE
RUN1
VIN1
ITH1
VFB1
VFB2
ITH2
RUN2
VIN2
TOP VIEW
DHC PACKAGE
16-LEAD (3mm
× 5mm) PLASTIC DFN
LTC3417EFE
ORDER PART
NUMBER
DHC PART MARKING
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN1, VIN2
Operating Voltage Range
VIN1 = VIN2
●
2.25
5.5
V
IFB1, IFB2
Feedback Pin Input Current
(Note 3)
±0.1
µA
VFB1, VFB2
Feedback Voltage
(Note 3)
●
0.784
0.8
0.816
V
∆VLINEREG
Reference Voltage Line Regulation. %/V is the
VIN = 2.25V to 5V (Note 3)
0.04
0.2
%/V
Percentage Change in VOUT with a Change in VIN
VLOADREG
Output Voltage Load Regulation
ITH1, ITH2 = 0.36V (Note 3)
0.02
0.2
%
ITH1, ITH2 = 0.84V (Note 3)
–0.02
–0.2
%
gm(EA)
Error Amplifier Transconductance
ITH1, ITH2(PINLOAD) = ±5µA (Note 3)
1400
µS
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 3.6V unless otherwise specified. (Note 2)
ELECTRICAL CHARACTERISTICS
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
GNDD
RUN1
VIN1
ITH1
VFB1
VFB2
ITH2
RUN2
VIN2
PGND2
GNDD
PGND1
SW1
PHASE
GNDA
FREQ
PGOOD
SW2
MODE
PGND2
21
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com