Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3419 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3419
Description  Dual Monolithic 600mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3419 Datasheet(HTML) 2 Page - Linear Technology

  LTC3419 Datasheet HTML 1Page - Linear Technology LTC3419 Datasheet HTML 2Page - Linear Technology LTC3419 Datasheet HTML 3Page - Linear Technology LTC3419 Datasheet HTML 4Page - Linear Technology LTC3419 Datasheet HTML 5Page - Linear Technology LTC3419 Datasheet HTML 6Page - Linear Technology LTC3419 Datasheet HTML 7Page - Linear Technology LTC3419 Datasheet HTML 8Page - Linear Technology LTC3419 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3419
2
3419f
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)............................. –0.3 to 6V
VFB1, VFB2 ........................................ –0.3V to VIN + 0.3V
RUN1, RUN2, MODE........................ –0.3V to VIN + 0.3V
SW1, SW2 ....................................... –0.3V to VIN + 0.3V
P-Channel SW Source Current (DC) (Note 2).......800mA
N-Channel SW Source Current (DC) (Note 2) ......800mA
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
VIN Operating Voltage
●
2.5
5.5
V
VUV
VIN Undervoltage Lockout
VIN Low to High
●
2.1
2.5
V
IFB
Feedback Pin Input Current
LTC3419
LTC3419-1
●
●
3
±30
5
nA
μA
VFBREG1
Regulated Feedback Voltage (Channel 1) LTC3419, 0°C < TA < 85°C
LTC3419, –40°C < TA < 85°C
LTC3419-1, –40°C < TA < 85°C
●
●
0.590
0.588
1.544
0.600
0.600
1.575
0.610
0.612
1.606
V
V
V
VFBREG2
Regulated Feedback Voltage (Channel 2) LTC3419, 0°C < TA < 85°C
LTC3419, –40°C < TA < 85°C
LTC3419-1, –40°C < TA < 85°C
●
●
0.590
0.588
1.764
0.600
0.600
1.8
0.610
0.612
1.836
V
V
V
ΔVLINE REG
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 7)
0.3
0.5
%/V
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
VFB1
RUN1
MODE
SW1
VFB2
RUN2
SW2
VIN
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
VFB1
RUN1
MODE
SW1
GND
10
9
8
7
6
VFB2
RUN2
SW2
VIN
GND
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 120°C/W
ORDER PART NUMBER
DD PART MARKING
ORDER PART NUMBER
MS PART MARKING
LTC3419EDD
LTC3419EDD-1
LCQJ
LCWW
LTC3419EMS
LTC3419EMS-1
LTCQK
LTCWX
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3.6V, unless otherwise noted.
Peak SW Source and Sink Current (Note 2) .............1.3A
Operating Temperature Range (Note 3) .......–40 to 85°C
Junction Temperature (Note 6) ............................. 125°C
Storage Temperature Range...................–65°C to 125°C
Lead Temperature (Soldering, 10 sec)
MSOP Package ................................................. 300°C
PACKAGE/ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com