Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3522 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3522
Description  Synchronous 400mA Buck-Boost and 200mA Buck Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3522 Datasheet(HTML) 3 Page - Linear Technology

  LTC3522 Datasheet HTML 1Page - Linear Technology LTC3522 Datasheet HTML 2Page - Linear Technology LTC3522 Datasheet HTML 3Page - Linear Technology LTC3522 Datasheet HTML 4Page - Linear Technology LTC3522 Datasheet HTML 5Page - Linear Technology LTC3522 Datasheet HTML 6Page - Linear Technology LTC3522 Datasheet HTML 7Page - Linear Technology LTC3522 Datasheet HTML 8Page - Linear Technology LTC3522 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3522
3
3522f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3522 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current measurements are performed when the LTC3522 is not
switching. The current limit values in operation will be somewhat higher
due to the propagation delay of the comparators.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD Threshold
VFB2 Falling
–11.3
–7.7
–4.1
%
Power Good Hysteresis
2.5
%
Buck-Boost Converter
Output Voltage
●
2.2
5.25
V
PMOS Switch Resistance
0.29
Ω
NMOS Switch Resistance
0.22
Ω
NMOS Switch Leakage
VSW1A = VSW1B = 5V, PVIN1 = PVIN2 = 5V
0.1
5
μA
PMOS Switch Leakage
VSW1A = VSW1B = 0V, PVIN1 = PVIN2 = 5V
0.1
10
μA
Feedback Voltage
(Note 4)
●
0.97
1
1.03
V
Feedback Input Current
150
nA
Average Current Limit
(Note 3)
0.65
0.85
A
Burst Mode Current Limit
230
340
mA
Reverse Current Limit
(Note 3)
250
mA
Maximum Duty Cycle
VFB1 = 0.9V
●
70
80
%
Minimum Duty Cycle
VFB1 = 1.1V
●
0%
PGOOD Threshold
VFB1 Falling
–12
–10
–8
%
Power Good Hysteresis
2.5
%
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. PVIN1 = PVIN2 = 3.6V, VOUT1 = 3.3V unless otherwise noted.
Note 4: The LTC3522 is tested in a proprietary non-switching test mode
that connects each FB pin to the output of the respective error amplifier.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com