Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5752 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT5752 Datasheet HTML 1Page - Richtek Technology Corporation RT5752 Datasheet HTML 2Page - Richtek Technology Corporation RT5752 Datasheet HTML 3Page - Richtek Technology Corporation RT5752 Datasheet HTML 4Page - Richtek Technology Corporation RT5752 Datasheet HTML 5Page - Richtek Technology Corporation RT5752 Datasheet HTML 6Page - Richtek Technology Corporation RT5752 Datasheet HTML 7Page - Richtek Technology Corporation RT5752 Datasheet HTML 8Page - Richtek Technology Corporation RT5752 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
RT5752
4
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
TSOT-23-5 package
TSOT-23-6 and WDFN-6L 2x2 package
PG
VIN
GND
EN
+
-
VREF
Shutdown
Control
SW
FB
Driver
TON
Logic
Control
SW
Current
Limit
Detector
Comparator
+
-
+
Error Amplifier
UVLO
OTP
SW
VFB
Ramp
Generator
UV
FB
VIN
90%VREF
SW
Discharge
Resistor
*OVP
*OVP : OVP is designed for RT5752AL/BL
FB
VIN
GND
EN
+
-
VREF
Shutdown
Control
SW
FB
Driver
TON
Logic
Control
SW
Current
Limit
Detector
Comparator
+
-
+
Error Amplifier
UVLO
OTP
SW
Ramp
Generator
UV
FB
VIN
SW
Discharge
Resistor
*OVP
*OVP : OVP is designed for RT5752AL/BL
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com