Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4215 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4215
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215 Datasheet(HTML) 2 Page - Linear Technology

  LTC4215 Datasheet HTML 1Page - Linear Technology LTC4215 Datasheet HTML 2Page - Linear Technology LTC4215 Datasheet HTML 3Page - Linear Technology LTC4215 Datasheet HTML 4Page - Linear Technology LTC4215 Datasheet HTML 5Page - Linear Technology LTC4215 Datasheet HTML 6Page - Linear Technology LTC4215 Datasheet HTML 7Page - Linear Technology LTC4215 Datasheet HTML 8Page - Linear Technology LTC4215 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4215
2
4215fb
Supply Voltage (VDD) ................................ –0.3V to 24V
Supply Voltage (INTVCC).......................... –0.3V to 6.5V
Input Voltages
GATE-SOURCE (Note 3).......................... –0.3V to 5V
SENSE+, SENSE– ................ VDD – 0.3V to VDD + 0.3V
SOURCE.................................................... –5V to 24V
⎯E⎯N, FB, ON, OV, UV ................................ –0.3V to 12V
ADR0, ADR1, ADR2, TIMER,
ADIN, SS................................ –0.3V to INTVCC + 0.3V
⎯A⎯L⎯E⎯R⎯T SCL, SDA, SDAI, SDAO ............ –0.3V to 6.5V
(Notes 1, 2)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
GN PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
SENSE–
VDD
UV
SS
GND
ON
SDA
SCL
GATE
SOURCE
FB
GPIO
INTVCC
TIMER
ADR0
ALERT
TJMAX = 125°C, θJA = 130°C/W
8
9
TOP VIEW
25
UFD PACKAGE
24-LEAD (4mm
× 5mm) PLASTIC QFN
10 11 12
24 23 22 21 20
6
5
4
3
2
1
UV
OV
SS
GND
ON
EN
SDAO
FB
GPIO
INTVCC
TIMER
ADIN
ADR2
ADR1
7
14
15
16
17
18
19
13
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 25) NOT GUARANTEED LOW IMPEDANCE TO GND,
ELECTRICAL CONNECTION OPTIONAL
ORDER PART NUMBER
GN PART MARKING
ORDER PART NUMBER
UFD PART MARKING*
LTC4215CGN
LTC4215IGN
4215
4215I
LTC4215CUFD
LTC4215IUFD
4215
4215
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
Output Voltages
GATE, GPIO............................................ –0.3V to 24V
Operating Temperature Range
LTC4215C ................................................ 0°C to 70°C
LTC4215I ............................................. –40°C to 85°C
Storage Temperature Range
SSOP ................................................. –65°C to 150°C
QFN.................................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP ................................................................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com