Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4414 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4414
Description  36V, Low Loss PowerPathTM Controller for Large PFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4414 Datasheet(HTML) 4 Page - Linear Technology

  LTC4414 Datasheet HTML 1Page - Linear Technology LTC4414 Datasheet HTML 2Page - Linear Technology LTC4414 Datasheet HTML 3Page - Linear Technology LTC4414 Datasheet HTML 4Page - Linear Technology LTC4414 Datasheet HTML 5Page - Linear Technology LTC4414 Datasheet HTML 6Page - Linear Technology LTC4414 Datasheet HTML 7Page - Linear Technology LTC4414 Datasheet HTML 8Page - Linear Technology LTC4414 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC4414
4414fc
TEMPERATURE (
°C)
–50
25
23
21
4414 G01
0
50
100
150
VIN = 3V
VIN = 28V
VIN = 36V
TEMPERATURE (
°C)
26
24
22
4414 G02
VIN = 3V
VIN = 28V
VIN = 36V
–50
0
50
100
150
–50
0
50
100
150
TEMPERATURE (
°C)
1.05
1.00
0.95
4414 G03
3V
≤ VIN ≤ 36V
–50
0
50
100
150
TEMPERATURE (
°C)
0
–1
–2
4414 G04
ISENSE: VIN – SENSE = 28V
IVIN: SENSE – VIN = 28V
–50
0
50
100
150
TEMPERATURE (
°C)
9.0
8.5
8.0
4414 G05
IGATE = 6µA
VIN = 36V
VIN = 10V
–50
0
50
100
150
TEMPERATURE (
°C)
1.0
0.5
0
4414 G06
3V
≤ VIN ≤ 36V
IGATE = –60µA
IGATE = –30µA
IGATE = 0µA
–50
0
50
100
150
TEMPERATURE (
°C)
320
280
300
4414 G07
CLOAD = 15nF
12V
≤ VIN ≤ 36V
–50
0
50
100
150
TEMPERATURE (
°C)
10
8
6
4414 G08
CGATE = 15nF
12V
≤ VIN ≤ 36V
VFR vs Temperature and
Supply Voltage
VRTO vs Temperature and
Supply Voltage
Normalized Quiescent Supply
Current vs Temperature
VIN and SENSE Pin Leakage
vs Temperature
VG(ON) vs Temperature
VG(OFF) vs Temperature and IGATE
tG(ON) vs Temperature
tG(OFF) vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com