Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VD244B Datasheet(PDF) 2 Page - Texas Instruments

Part # VD244B
Description  3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VD244B Datasheet(HTML) 2 Page - Texas Instruments

  VD244B Datasheet HTML 1Page - Texas Instruments VD244B Datasheet HTML 2Page - Texas Instruments VD244B Datasheet HTML 3Page - Texas Instruments VD244B Datasheet HTML 4Page - Texas Instruments VD244B Datasheet HTML 5Page - Texas Instruments VD244B Datasheet HTML 6Page - Texas Instruments VD244B Datasheet HTML 7Page - Texas Instruments VD244B Datasheet HTML 8Page - Texas Instruments VD244B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
GQL OR ZQL PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3 4
6
5
K
GRD OR ZRD PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
SN54LVT16244B
,, SN74LVT16244B
3.3-V ABT 16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS716E – MARCH 2000 – REVISED DECEMBER 2006
The 'LVT16244B devices are 16-bit buffers and line drivers designed for low-voltage (3.3-V) VCC operation, but
with the capability to provide a TTL interface to a 5-V system environment. These devices can be used as four
4-bit buffers, two 8-bit buffers, or one 16-bit buffer. These devices provide true outputs and symmetrical
active-low output-enable (OE) inputs.
When VCC is between 0 and 1.5 V, the devices are in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
These devices are fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the devices when they are powered down.
The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
TERMINAL ASSIGNMENTS(1)
(56-Ball GQL/ZQL Package)
1
2
3
4
5
6
A
1OE
NC
NC
NC
NC
2OE
B
1Y2
1Y1
GND
GND
1A1
1A2
C
1Y4
1Y3
VCC
VCC
1A3
1A4
D
2Y2
2Y1
GND
GND
2A1
2A2
E
2Y4
2Y3
2A3
2A4
F
3Y1
3Y2
3A2
3A1
G
3Y3
3Y4
GND
GND
3A4
3A3
H
4Y1
4Y2
VCC
VCC
4A2
4A1
J
4Y3
4Y4
GND
GND
4A4
4A3
xxxxxx
xxxxxx
K
4OE
NC
NC
NC
NC
3OE
xxxxxx
xxxxxx
(1)
NC – No internal connection
TERMINAL ASSIGNMENTS(1)
(54-Ball GRD/ZRD Package)
1
2
3
4
5
6
A
1Y1
NC
1OE
2OE
NC
1A1
B
1Y3
1Y2
NC
NC
1A2
1A3
C
2Y1
1Y4
VCC
VCC
1A4
2A1
D
2Y3
2Y2
GND
GND
2A2
2A3
E
3Y1
2Y4
GND
GND
2A4
3A1
F
3Y3
3Y2
GND
GND
3A2
3A3
G
4Y1
3Y4
VCC
VCC
3A4
4A1
H
4Y3
4Y2
NC
NC
4A2
4A3
J
4Y4
NC
4OE
3OE
NC
4A4
(1)
NC – No internal connection
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com