Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5070/60C Datasheet(PDF) 2 Page - Alpha Wire

Part # 5070/60C
Description  18 (16/30) AWG Tinned Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5070/60C Datasheet(HTML) 2 Page - Alpha Wire

  5070/60C Datasheet HTML 1Page - Alpha Wire 5070/60C Datasheet HTML 2Page - Alpha Wire 5070/60C Datasheet HTML 3Page - Alpha Wire 5070/60C Datasheet HTML 4Page - Alpha Wire 5070/60C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
Diameters (In)
1) Component 1
60 X 1 COND
 
a) Conductor
18 (16/30) AWG Tinned Copper
0.047
b) Insulation
0.016" Wall, Nom. PVC
0.079
(1) Color Code
Alpha Wire Color Code D
Cond Color
Cond Color
Cond Color
1
BLACK
21
WHITE/BROWN
41
WHITE/GREEN/RED
2
RED
22
WHITE/ORANGE
42
WHITE/GREEN/GREEN
3
WHITE
23
WHITE/SLATE
43
WHITE/GREEN/BLUE
4
GREEN
24
WHITE/VIOLET
44
WHITE/GREEN/BROWN
5
ORANGE
25
WHITE/BLACK/RED
45
WHITE/GREEN/VIOLET
6
BLUE
26
WHITE/BLACK/GREEN
46
WHITE/BLUE/BLACK
7
BROWN
27
WHITE/BLACK/YELLOW
47
WHITE/BLUE/RED
8
YELLOW
28
WHITE/BLACK/BLUE
48
WHITE/BLUE/GREEN
9
VIOLET
29
WHITE/BLACK/BROWN
49
WHITE/BLUE/BLUE
10
SLATE
30
WHITE/BLACK/ORANGE
50
WHITE/BLUE/BROWN
11
PINK
31
WHITE/BLACK/SLATE
51
WHITE/BLUE/VIOLET
12
TAN
32
WHITE/BLACK/VIOLET
52
WHITE/BROWN/BLACK
13
RED/GREEN33
WHITE/BLACK/BLACK
53
WHITE/BROWN/RED
14
RED/YELLOW
34
WHITE/RED/BLACK
54
WHITE/BROWN/GREEN
15
RED/BLACK35
WHITE/RED/RED
55
WHITE/BROWN/BLUE
16
WHITE/BLACK
36
WHITE/RED/GREEN
56
WHITE/BROWN/BROWN
17
WHITE/RED37
WHITE/RED/BLUE
57
WHITE/BROWN/VIOLET
18
WHITE/GREEN
38
WHITE/RED/BROWN
58
WHITE/VIOLET/RED
19
WHITE/YELLOW
39
WHITE/RED/VIOLET
59
WHITE/VIOLET/GREEN
20
WHITE/BLUE40
WHITE/GREEN/BLACK
60
WHITE/VIOLET/BLUE
2) Cable Assembly
60 Components Cabled
 
a) Twists:
1.1 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 20% Overlap, Min.
 
3) Jacket
0.083" Wall, Nom.,PVC
0.881 (0.914 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 5070/60C 60C 18 AWG
XTRAGUARD(R) 1 (UL) TYPE CM 105C SUN RES OR AWM
2464 80C 300V OR AWM 2517 105C 300V
VW-1 OR C(UL) TYPE CMG 105C FT4
CE ROHS OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com