Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF005S Datasheet(PDF) 1 Page - ON Semiconductor

Part # DF005S
Description  Bridge Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DF005S Datasheet(HTML) 1 Page - ON Semiconductor

  DF005S Datasheet HTML 1Page - ON Semiconductor DF005S Datasheet HTML 2Page - ON Semiconductor DF005S Datasheet HTML 3Page - ON Semiconductor DF005S Datasheet HTML 4Page - ON Semiconductor DF005S Datasheet HTML 5Page - ON Semiconductor DF005S Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2013
March, 2022 − Rev 2
1
Publication Order Number:
DF10S/D
Bridge Rectifiers
DF005S - DF10S
Description
With the ever−pressing need to improve power supply efficiency,
improve surge rating, improve reliability, and reduce size, the DFxS
family sets a standard in performance.
The design offers an surge rating of 50 A. This is important when
improving reliability and increasing efficiency. High efficiency
designs strive to reduce circuit resistance, which, unfortunately can
result in increased inrush surge. As such high surge current ratings can
be required to maintain or improve reliability.
The design also offers better efficiency by achieving a 1.5 A VF of
1.1 V maximum at 25
°C. This lower VF also supports cooler and more
efficient operation.
Finally, the DFxS achieves all this in a SDIP surface mount form
factor, reducing board space and volumetric requirements vs.
competitive devices.
Features
• Maximum Surge Rating: IFSM = 50 A, I2t = 10 A2Sec
• Optimized VF: Typical 0.94 V at 1.5 A, 25°C
• Glass Passivated Junctions
• Lead Free Compliant to EU RoHS 2002/95/EU Directives
• Green Molding Compound: IEC61249
• Qualified with IR Reflow and Wave Soldering
• UL Certified, UL #E258596
See detailed ordering and shipping information on page 4 of
this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
PDIP−4 GW
CASE 709AE
Z
= Subcon Assembly Plant Code
X
= Last Digit of Calendar Year
YY
= Weekly Payweek Date code
DFXXXM = Specific Device Number
xxx = 01, 02, 04, 06, 08, 10, or 005
+
−
̃
̃
IN
OUT
SDIP
ZXYY
DF06M
ON


Similar Part No. - DF005S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF005S JGD-DF005S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF005S SSE-DF005S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF005S FAIRCHILD-DF005S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results

Similar Description - DF005S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com