Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1F Datasheet(PDF) 3 Page - ON Semiconductor

Part # ES1F
Description  Fast Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES1F Datasheet(HTML) 3 Page - ON Semiconductor

  ES1F Datasheet HTML 1Page - ON Semiconductor ES1F Datasheet HTML 2Page - ON Semiconductor ES1F Datasheet HTML 3Page - ON Semiconductor ES1F Datasheet HTML 4Page - ON Semiconductor ES1F Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ES1F−ES1J
www.onsemi.com
2
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
100
1000
1
0.1
0.01
Figure 1. Maximum Forward Current Derating
Curve
Figure 2. Maximum Non-repetitive Peak Forward
Surge Current
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Typical Reverse Characteristics
Figure 5. Typical Junction Capacitance
110
0
0.2
0.6
0.8
1.2
1.0
0.4
RESISTIVEOR
INDUCTIVELOAD
0.2 x 0.2″ (5.0 x 5.0 mm)
COPPERPADAREAS
80
90
100
120
130
140
150
Lead Temperature (5C)
1
10
100
30
20
10
5
25
15
1
Number of Cycles at 60 Hz
8.3 ms Single Half Sine Wave
(JEDEC Method) at TL = 120°C
0
0.5
1
1.5
2
2.5
0.01
0.1
1
10
IF − Forward Current (A)
TA = −55°CTA = −40°CTA = 25°C
TA = 85°CTA = 125°CTA = 150°C
20
40
60
80
100
140
120
Percent of Rated Peak Reverse Voltage (%)
TJ = 125°C
TJ = 85°C
TJ = 25°C
1
0
0
10
100
14
10
6.0
4.0
2.0
12
8.0
Tj = 25°C
f = 1.0 MHz
Vsig = 50 mVp−p
Reverse Voltage (V)
ES1F−G
ES1H−J



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com