Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FES10J Datasheet(PDF) 3 Page - ON Semiconductor

Part # FES10J
Description  Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FES10J Datasheet(HTML) 3 Page - ON Semiconductor

  FES10J Datasheet HTML 1Page - ON Semiconductor FES10J Datasheet HTML 2Page - ON Semiconductor FES10J Datasheet HTML 3Page - ON Semiconductor FES10J Datasheet HTML 4Page - ON Semiconductor FES10J Datasheet HTML 5Page - ON Semiconductor FES10J Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FES10D, FES10G, FES10J
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Fig 1. Typical Forward Characteristics for FES10D
Fig 2. Typical Forward Characteristics for FES10G
Fig 3. Typical Forward Characteristics for FES10J
Fig 4. Typical Reverse Characteristics for FES10D
Fig 5. Typical Reverse Characteristics for FES10G
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
T
A
= 150
oC
T
A
= 125
oC
T
A
= −55
oC
T
A
= 75
oC
T
A
= 25
oC
V
F
− FORWARD VOLTAGE (V)
FES10D
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.001
0.01
0.1
1
10
T
A
= 150
oC
T
A
= 125
oC
T
A
= −55
oC
T
A
= 75
oC
T
A
= 25
oC
V
F
− FORWARD VOLTAGE (V)
FES10G
0.0
0.5
1.0
1.5
2.0
0.001
0.01
0.1
1
10
T
A
= 150
oC
T
A
= 125
oC
T
A
= −55
oC
T
A
= 75
oC
T
A
= 25
oC
V
F
− FORWARD VOLTAGE (V)
FES10J
020406080
1E−4
0.001
0.01
0.1
1
10
100
FES10D
T
A
= 150
oC
T
A
= 125
oC
T
A
= −55
oC
T
A
= 75
oC
T
A
= 25
oC
V
R
− REVERSE VOLTAGE (V)
0
50
100
150
200
250
300
350
400
1E−4
0.001
0.01
0.1
1
10
100
FES10G
T
A
= 150
oC
T
A
= 125
oC
T
A
= −55
oC
T
A
= 75
oC
T
A
= 25
oC
V
R
− REVERSE VOLTAGE (V)
0
50
100
1E−4
0.001
0.01
0.1
1
10
100
FES10J
T
A
= 150
oC
T
A
= 125
oC
T
A
= −55
oC
T
A
= 75
oC
T
A
= 25
oC
V
R
− REVERSE VOLTAGE (V)
Fig 6. Typical Reverse Characteristics for FES10J
100
120
140
160
180
200
150 200 250 300 350
400 450 500 550 600



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com