Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT94N60L2C3 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT94N60L2C3
Description  Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT94N60L2C3 Datasheet(HTML) 4 Page - Microsemi Corporation

  APT94N60L2C3 Datasheet HTML 1Page - Microsemi Corporation APT94N60L2C3 Datasheet HTML 2Page - Microsemi Corporation APT94N60L2C3 Datasheet HTML 3Page - Microsemi Corporation APT94N60L2C3 Datasheet HTML 4Page - Microsemi Corporation APT94N60L2C3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT94N60L2C3
Typical Performance Curves
Crss
Ciss
Coss
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE10,MAXIMUMSAFEOPERATINGAREA
FIGURE11, CAPACITANCEvsDRAIN-TO-SOURCEVOLTAGE
Qg,TOTALGATECHARGE(nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE12,GATECHARGESvsGATE-TO-SOURCEVOLTAGE
FIGURE13, SOURCE-DRAINDIODEFORWARDVOLTAGE
010
20
30
40
50
0
100 200 300 400 500 600 700 800
0.3
0.5
0.7
0.9
1.1
1.3
1.5
16
12
8
4
0
TJ=+150°C
TJ=+25°C
VDS=300V
VDS=120V
VDS=480V
I
D = 94A
60,000
10,000
1,000
100
10
200
100
10
1
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100µH
Eon
Eoff
tr
tf
10
30
50
70
90
110
130
150
10
30
50
70
90
110
130
150
10
30
50
70
90
110
130 150
0
5
10 15 20 25 30 35 40 45 50
V
DD = 400V
I
D = 94A
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
td(on)
td(off)
Eon
Eoff
600
500
400
300
200
100
0
8000
7000
6000
5000
4000
3000
2000
1000
0
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100µH
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
250
200
150
100
50
0
16000
14000
12000
10000
8000
6000
4000
2000
0
Graph removed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com