Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1545AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1545AT
Description  Stereo continuous calibration DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1545AT Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1545AT Datasheet HTML 1Page - NXP Semiconductors TDA1545AT Datasheet HTML 2Page - NXP Semiconductors TDA1545AT Datasheet HTML 3Page - NXP Semiconductors TDA1545AT Datasheet HTML 4Page - NXP Semiconductors TDA1545AT Datasheet HTML 5Page - NXP Semiconductors TDA1545AT Datasheet HTML 6Page - NXP Semiconductors TDA1545AT Datasheet HTML 7Page - NXP Semiconductors TDA1545AT Datasheet HTML 8Page - NXP Semiconductors TDA1545AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Sep 04
3
Philips Semiconductors
Preliminary specification
Stereo continuous calibration DAC
TDA1545A
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3
5
5.5
V
IDD
supply current
VDD =5V;
at code 0000H
−
3.0
4.0
mA
IFS
full-scale output current
VDD = 5 V
0.9
1.0
1.1
mA
VDD =3V
−
0.6
−
mA
THD
total harmonic distortion
including noise
at 0 dB
−−88
−78
dB
at 0 dB
−
0.004
0.01
%
at
−60 dB
−−33
−24
dB
at
−60 dB
−
2.2
6
%
at
−60 dB;
−−35
−
dB
A-weighting
at
−60 dB;
−
1.7
−
%
A-weighting
at
−60 dB;
−
1.4
−
%
A-weighting;
R3 =R4=11 k
Ω;
IFS =2mA
S/N
signal-to-noise ratio at bipolar zero
A-weighting;
at code 0000H
86
98
−
dB
R3 =R4=11 k
Ω;
IFS =2mA
−
101
−
dB
tcs
current settling time to
±1 LSB
−
0.2
−µs
BR
input bit rate at data input
−−
18.4
Mbits/s
fBCK
clock frequency at clock input
−−
18.4
MHz
TCFS
full-scale temperature coefficient at
analog outputs (IOL; IOR)
−±400
−
ppm
Ptot
total power dissipation
at code 0000H
VDD =5V
−
15
20
mW
VDD =3V
−
6
−
mW
Tamb
operating ambient temperature
−40
−
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com