Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTDF400KK60G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTDF400KK60G
Description  Dual Common Cathode diodes Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTDF400KK60G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTDF400KK60G Datasheet HTML 1Page - Microsemi Corporation APTDF400KK60G Datasheet HTML 2Page - Microsemi Corporation APTDF400KK60G Datasheet HTML 3Page - Microsemi Corporation APTDF400KK60G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APTDF400KK60G
www.microsemi.com
1 - 4
A2
A1
K
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VR
Maximum DC reverse Voltage
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
TC= 25°C
500
IF(AV)
Maximum Average Forward
Current
Duty cycle = 50%
TC= 80°C
400
IF(RMS)
RMS Forward Current
Duty cycle = 50%
TC = 45°C
500
IFSM
Non-Repetitive Forward Surge Current
8.3ms
TC = 45°C
3000
A
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
A2
A1
K
VRRM = 600V
IC = 400A @ Tc = 80°C
Application
•
Uninterruptible Power Supply (UPS)
•
Induction heating
•
Welding equipment
•
High speed rectifiers
Features
•
Ultra fast recovery times
•
Soft recovery characteristics
•
High blocking voltage
•
High current
•
Low leakage current
•
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
•
High level of integration
Benefits
•
Outstanding performance at high frequency
operation
•
Low losses
•
Low noise switching
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
RoHS Compliant
Dual Common Cathode diodes
Power Module


Similar Part No. - APTDF400KK60G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTDF400KK60 ADPOW-APTDF400KK60 Datasheet
239Kb / 4P
Dual Common Cathode diodes Power Module
More results

Similar Description - APTDF400KK60G

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
DUAL DIODES - CATHODE COMMON
logo
Advanced Power Technolo...
APTDF400KK20 ADPOW-APTDF400KK20 Datasheet
239Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK60 ADPOW-APTDF400KK60 Datasheet
239Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK100 ADPOW-APTDF400KK100 Datasheet
240Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK120 ADPOW-APTDF400KK120 Datasheet
239Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK170 ADPOW-APTDF400KK170 Datasheet
233Kb / 3P
Dual Common Cathode diodes Power Module
logo
Microsemi Corporation
APTDF400KK20G MICROSEMI-APTDF400KK20G Datasheet
215Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK100G MICROSEMI-APTDF400KK100G Datasheet
216Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK120G MICROSEMI-APTDF400KK120G Datasheet
215Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK170G MICROSEMI-APTDF400KK170G Datasheet
210Kb / 3P
Dual Common Cathode diodes Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com