Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-710240 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # AMIS-710240
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710240 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  AMIS-710240 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMIS-710240: 200dpi CIS Module
Data Sheet
Illumination is accomplished by means of an integrated LED light source. All components are housed in a small plastic housing which
has a cover glass that acts as the focal point for the object being scanned and protects the imaging array, micro lens assembly and
LED light source from dust. I/O to the module is the 10-pin connector located on one end of the module. See Figure 4. The cross
section of the AMIS-710240 is shown in Figure 1 and the block diagram in Figure 2.
Figure 2: AMIS-710240-A4 Module Block Diagram
4.0 Recommended Operating Conditions (25°C)
Table 1: Recommended Operating Conditions (25°C)
Item
Symbol
Min.
Typ.
Max.
Units
Vdd
4.5
5.0
5.5
V
Idd
24
30
35
ma
Vn
-4.5
-5
-15
V
Ivn
5
6
8
ma
VLED
4.5
5.0
5.5
V
Power supply
ILED
305
430
560
ma
Video output level
Vid
0.8
1.0
1.2
V
Input voltage at digital high
Vih
Vdd -1.0
Vdd -0.5
Vdd
V
Input voltage at digital low
Vil
0
0.8
V
Clock frequency
F
3.0
5.0
MHz
Clock pulse high duty cycle
25
%
Clock pulse high duration
50
ns
Integration time
Tint
(1)
0.346
0.6
10.0
ms
Operating temperature
Top
25
50
°C
Note:
1.
Tint is determined by the time interval between two SP. The longest integration time is determined by the degree of leakage current degradation that can be
tolerated by the system. A 10ms maximum is a typical rule-of-thumb, thus the experienced CIS user can use his discretion in determining the integration time.
2
AMI Semiconductor –May 06, M-20546-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com