Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-710409 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-710409
Description  400dpi CIS Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710409 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-710409 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMIS-710409-A4: 400dpi CIS Module
Data Sheet
The graph in figure 3 depicts the working depth of focus. Since this module is a 400dpi module, a pixel density of 400 pixels per inch,
the MTF was measured with a 200dpi or a 100 line-pair per inch optical bar pattern. The test was conducted with the pixel rate set to
2.5MHz (see Figure 3).
The effective algorithm used in the measurements is as described by the following equation:
MTF={[Vp(n)+Vp(n+1)]/2-[Vp(n+2)+Vp(n+3)]/2}/{[Vp(n)+Vp(n+1)]/2+[Vp(n+2)+Vp(n+3)]/2}
Where n is 1, 2, .....3456
th, Vp(n) is the signal amplitude of the nth pixel.
9.0 Recommended Operating Conditions (25
°C)
Table 5: Recommended Operating Conditions (25
°C)
Item
Symbol
Min.
Typ.
Max.
Units
Vdd
4.5
5.0
5.5
V
Vn.
-13
-5
-4.0
V
Idd
87
95
ma
In
25
30
ma
ILED
450
550
ma
Power supply
VLED
5
5.5
V
Input voltage at digital high
Vih
Vdd-1.0
Vdd-.5
Vdd
V
Input voltage at digital low
Vil
0
0.6
V
Clock frequency
f
0.
5.0
6.0
MHz
Clock pulse high duty cycle
25
%
Clock pulse high duration
50
ns
Integration time
Tint
180
µs
Operating temperature
(1)
Top
25
50
°C
Note:
(1) See the note under Table 3.
5
AMI Semiconductor – July 06, M-20594-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com