Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF50DH60TG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTGF50DH60TG
Description  Asymmetrical - Bridge NPT IGBT Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF50DH60TG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTGF50DH60TG Datasheet HTML 1Page - Microsemi Corporation APTGF50DH60TG Datasheet HTML 2Page - Microsemi Corporation APTGF50DH60TG Datasheet HTML 3Page - Microsemi Corporation APTGF50DH60TG Datasheet HTML 4Page - Microsemi Corporation APTGF50DH60TG Datasheet HTML 5Page - Microsemi Corporation APTGF50DH60TG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTGF50DH60TG
www.microsemi.com
1 - 6
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC= 25°C
65
IC
Continuous Collector Current
TC= 80°C
50
ICM
Pulsed Collector Current
TC= 25°C
230
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
250
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 125°C
100A@500V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
VBUS
Q4
OUT2
OUT1
VBUS SENSE
CR3
0/VBUS
G4
E4
NTC2
Q1
CR2
0/VBUS SENSE
NTC1
G1
E1
NTC2
OUT1
OUT2
VBUS
VBUS
SENSE
E1
NTC1
E4
G4
0/VBUS
0/VBUS
SENSE
G1
VCES = 600V
IC = 50A @ Tc = 80°C
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
Non Punch Through (NPT) Fast IGBT®
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 100 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
•
Kelvin emitter for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency
operation
•
Stable temperature behavior
•
Very rugged
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal
for easy PCB mounting
•
Easy paralleling due to positive TC of VCEsat
•
Low profile
•
RoHS compliant
Asymmetrical - Bridge
NPT IGBT Power Module


Similar Part No. - APTGF50DH60TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50DH60T1G MICROSEMI-APTGF50DH60T1G Datasheet
255Kb / 7P
Asymmetrical - Bridge NPT IGBT Power Module
More results

Similar Description - APTGF50DH60TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF50DH120T ADPOW-APTGF50DH120T Datasheet
296Kb / 6P
Asymmetrical - Bridge NPT IGBT Power Module
APTGF75DH120T ADPOW-APTGF75DH120T Datasheet
278Kb / 5P
Asymmetrical - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50DH120TG MICROSEMI-APTGF50DH120TG Datasheet
288Kb / 6P
Asymmetrical - Bridge NPT IGBT Power Module
APTGF75DH120TG MICROSEMI-APTGF75DH120TG Datasheet
257Kb / 5P
Asymmetrical - Bridge NPT IGBT Power Module
APTGF90DH60TG MICROSEMI-APTGF90DH60TG Datasheet
289Kb / 6P
Asymmetrical - Bridge NPT IGBT Power Module
APTGF180DH60G MICROSEMI-APTGF180DH60G Datasheet
279Kb / 6P
Asymmetrical - bridge NPT IGBT Power Module
APTGF50DH60T1G MICROSEMI-APTGF50DH60T1G Datasheet
255Kb / 7P
Asymmetrical - Bridge NPT IGBT Power Module
APTGF50DH120T3G MICROSEMI-APTGF50DH120T3G Datasheet
248Kb / 7P
Asymmetrical - Bridge NPT IGBT Power Module
APTGF75DH120T3G MICROSEMI-APTGF75DH120T3G Datasheet
206Kb / 5P
Asymmetrical - Bridge NPT IGBT Power Module
APTGF90DH60T3G MICROSEMI-APTGF90DH60T3G Datasheet
210Kb / 5P
Asymmetrical - Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com