Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD5350ECPR Datasheet(PDF) 6 Page - BASIC SEMICONDUCTOR

Part # BTD5350ECPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350ECPR Datasheet(HTML) 6 Page - BASIC SEMICONDUCTOR

Back Button BTD5350ECPR Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 10Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.basicsemi.com
6/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
SYMBOL
PARAMETER
TESTCONDITIONS
MIN
TYP
MAX UNIT
SUPPLYCURRENTS
IVCC1 Input supply quiescent current
-
-
1.4
2.4
mA
IVCC2 Output supply quiescent current
-
-
1.3
1.8
SUPPLYVOLTAGEUNDERVOLTAGETHRESHOLDS
VON1 VCC1-GND1 Positive-going UVLO threshold voltage -
-
2.6
2.8
V
VOFF1 VCC1-GND1 Negative-going UVLO threshold voltage -
2.4
2.5
-
VUV, HYS1 VCC1-GND1 UVLO threshold hysteresis
-
-
0.1
-
UVLOTHRESHOLDSBTD5350xCx
VON2 VCC2-VEE2 Positive-going UVLO threshold voltage -
-
12
13
V
VOFF2 VCC2-VEE2 Negative-going UVLO threshold voltage -
10.3
11
-
VUV, HYS2 VCC2-VEE2 UVLO threshold voltage hysteresis
-
-
1
-
UVLOTHRESHOLDSBTD5350xBx
VON2 VCC2-VEE2 Positive-going UVLO threshold voltage -
-
8.7
9.4
V
VOFF2 VCC2-VEE2 Negative-going UVLO threshold voltage -
7.3
8
-
VUV, HYS2 VCC2-VEE2 UVLO threshold voltage hysteresis
-
-
0.7
-
LOGICI/O
VIH Positive-going input threshold voltage (IN+, IN-) -
-
0.55×VCC1 0.7×VCC1
V
VIL Negative-going input threshold voltage (IN+, IN-) -
0.35×VCC1 0.45×VCC1
-
VIN, HYS Input Hysteresis voltage
-
-
0.1×VCC1
-
IIH High-level input leakage at IN+
IN+=VCC1, VCC1=5V
-
55
240
µA
IIL Low-level input leakage at IN-
IN-=GND1, VCC1=5V
-240
-54
-
IN-=GND1-5V, VCC1=5V
-310
-108
-
GATEDRIVERSTAGE
IOH Peak source current
IN+=HIGH, IN-=LOW,
CL=470nF
-
10
-
A
IOL Peak sink current
IN+=LOW, IN-=HIGH,
CL=470nF
-
10
-
VOH High level output voltage VCC2-OUT or VCC2-OUTH IOUT=+20mA
IN+=HIGH, IN-=LOW
-
60
-
mV
VOL Low level output voltage OUT-VEE2 or OUTL-VEE2 IOUT=-20mA
IN+=LOW, IN-=HIGH
5
7
-
mV
MILLERCLAMPBTD5350Mx
Vclamp Low-level clamp voltage
Iclamp=20mA
-
7
10
mV
Iclamp Low-level clamp current
VCLAMP=VEEx+15V
5
10
-
A
Vclamp-TH Clamping threshold voltage
-
-
2.2
-
V
SHORT-CIRCUITCLAMPING
VCLP-OUT
Clamping voltage (OUT-VCC2 or OUTH-VCC2)
IN+=HIGH, IN–=LOW,
tCLAMP=10µs,
IOUTH or IOUT=-500mA
-
1
1.3
V
Clamping voltage
(VEE2-OUT or VEE2-OUTL or VEE2-CLAMP)
IN+=LOW, IN–=HIGH,
tCLAMP=10µs,
ICLAMP or IOUTL=500mA
-
1.5
-
IN+=LOW, IN–=HIGH,
ICLAMP or IOUTL=20mA
-
0.9
1
ACTIVEPULL-DOWNFUNCTION
VOUTSD Active pulldown voltage on OUTL, CLAMP, OUT
IOUT=-1A (sinking into
OUT, OUTL or CLAMP
pin), VCC2=left open
-
2.3
2.6
V
7.5ElectricalCharacteristics
TA=-40~125℃, VCC1=3.3 or 5V, VCC2=15V, CL(1)=100pF.
Output pin: current towards outside of the chip is positive direction; Input pin: current towards inside of the chip is positive direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com