Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOL-PCC-B Datasheet(PDF) 45 Page - 3M Electronics

Part # VOL-PCC-B
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PCC-B Datasheet(HTML) 45 Page - 3M Electronics

Back Button VOL-PCC-B Datasheet HTML 41Page - 3M Electronics VOL-PCC-B Datasheet HTML 42Page - 3M Electronics VOL-PCC-B Datasheet HTML 43Page - 3M Electronics VOL-PCC-B Datasheet HTML 44Page - 3M Electronics VOL-PCC-B Datasheet HTML 45Page - 3M Electronics VOL-PCC-B Datasheet HTML 46Page - 3M Electronics VOL-PCC-B Datasheet HTML 47Page - 3M Electronics VOL-PCC-B Datasheet HTML 48Page - 3M Electronics VOL-PCC-B Datasheet HTML 49Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
1
43
1.2
Fibre Cabling
1.2.4
Volition™ Installation Indoor
Cable 50/125µm, 62,5/125µm, 9/125µm
Description
Indoor, horizontal and backbone cable
All 50/125 VolitionTM multimode indoor cables are in accordance
with the latest OM2 specifications as described in ISO 11801.
Their bandwidth x length product is 500 MHz x km at 850nm and
800 MHz x km at 1300nm. Selected types are also available with
OM3 rated fibre with a bandwidth x length product of 1500/500
MHz x km (OFL) and 2000/500 MHz x km (effective LASER launch)
at 850/1300nm wavelengths.
These features make Volition OM2 fibre cable the perfect medium
for Gigabit-Ethernet (1000 Base-SX and 1000 Base-LX) appli-
cations. Cables with OM3 fibre are optimized for applications in
the first optical window and are therefore ideal for 10 Gigabit/s
transmission links. Distances of up to 550 m at Gigabit Ethernet
speeds (1000 Base-SX) and up to 300 m at 10 Gigabit/s (10G
Base-SX) can easily be achieved.
Fibre Specifications
-Fibre
OM2
OM3
50/125µm
Bandwidth
Bandwidth ( OFL )
≥ 500 MHz x km @ 850nm
≥ 1500 MHz x km @ 850nm
≥ 800 MHz x km @ 1300nm
≥ 500 MHz x km @ 1300nm
Bandwidth ( Laser Launch )
≥ 2000 MHz x km @ 850 nm
Attenuation Indoor Cables
Attenuation Indoor Cables
≤ 3,5 dB/km @ 850 nm
≤ 3,0 dB/km @ 850 nm
≤ 1,2 dB/km @ 1300 nm
≤ 1,0 dB/km @ 1300 nm
Attenuation Indoor/Outdoor Cables
Attenuation Indoor/Outdoor Cables
≤ 2,7 dB/km @ 850 nm
≤ 3,0 dB/km @ 850 nm
≤ 0,8 dB/km @ 1300 nm
≤ 1,0 dB/km @ 1300 nm
Numerical Aperture
Numerical Aperture
0,200
± 0,015
0,200
± 0,015
Index of refraction
Index of refraction
1,482 @ 850 nm
1,482 @ 850 nm
1,477 @ 1300nm
1,477 @ 1300nm
OM1
62,5/125µm
Bandwidth
≥ 200 MHz x km @ 850nm
≥ 500 MHz x km @ 1300nm
Attenuation Indoor Cables
≤ 3,5 dB/km @ 850 nm
≤ 1,0 dB/km @ 1300 nm
Attenuation Indoor/Outdoor Cables
≤ 3,2 dB/km @ 850 nm
≤ 1,0 dB/km @ 1300 nm
9/125µm
Attenuation Indoor Cables
≤ 0,7 dB/km @ 1310 nm
≤ 0,7 dB/km @ 1550 nm
Attenuation Indoor/Outdoor Cables
≤ 0,4 dB/km @ 1310 nm
≤ 0,25 dB/km @ 1550 nm
Loose Tube Sub-
unit
850 µm ± 50 µm
OD
Glass Fibre
Primary Coated
Aramid Yarns
Cable Jacket
Loose Tube Subunit (12 places)
850 µm ± 50 µm OD
100 µm (0.004") Normal Wall Thickness
Aramid Strength Members
Glass Fibre
Cable Jacket
2 & 4 fibre Horizontal cable
construction
24-fibre Backbone cable
construction
For details of how to order plenum and riser rated horizontal or backbone cable consult
your local sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com