Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHP420LFST1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NHP420LFST1G
Description  Switch-mode Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHP420LFST1G Datasheet(HTML) 5 Page - ON Semiconductor

  NHP420LFST1G Datasheet HTML 1Page - ON Semiconductor NHP420LFST1G Datasheet HTML 2Page - ON Semiconductor NHP420LFST1G Datasheet HTML 3Page - ON Semiconductor NHP420LFST1G Datasheet HTML 4Page - ON Semiconductor NHP420LFST1G Datasheet HTML 5Page - ON Semiconductor NHP420LFST1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NOTES:
1.
DIMENSIONING AND TOLERANCING
PER ASME Y14.5M, 2018.
2.
CONTROLLING DIMENSION:
MILLIMETERS.
3.
DIMENSIONS D AND E DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR
BURRS. MOLD FLASH PROTRUSIONS
OR GATE BURRS SHALL NOT EXCEED
0.150mm PER SIDE.
4.
DIMENSIONS D AND E ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY.
*FOR ADDITIONAL INFORMATION ON OUR
PB−FREE STRATEGY AND SOLDERING
DETAILS, PLEASE DOWNLOAD THE ONSEMI
SOLDERING AND MOUNTING TECHNIQUES
REFERENCE MANUAL, SOLDERRM/D.
LFPAK4 4.90x4.15x1.15MM, 1.27P
CASE 760AB
ISSUE D
DATE 22 MAY 2024
XXXXXX = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week
GENERIC
MARKING DIAGRAM*
*This information is generic. Please refer
to device data sheet for actual part
marking. Some products may not follow
the Generic Marking.
XXXXXX
XXXXXX
AWLYW
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor reserves the right to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages. ON Semiconductor does not convey any license under its patent rights nor the
rights of others.
98AON82777G
DOCUMENT NUMBER:
DESCRIPTION:
Electronic versions are uncontrolled except when accessed directly from the Document Repository.
Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red.
PAGE 1 OF 1
LFPAK4 4.90x4.15x1.15MM, 1.27P
© Semiconductor Components Industries, LLC, 2018
www.onsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com