Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI227 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI227
Description  200DPI CIS Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI227 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI227 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7
SP(START)
Shift register start pulse
8
GND
Ground; 0V
9
CP(CLOCK)
Sampling clock pulse
10
Vn
Negative power supply
11
GLED
Ground for the light source; 0V
12
VLED
Supply for the light source
Table 1. Pin configuration
Module Versus LED Light Source
Table 2 lists the module's model and its corresponding LED Light Source.
Module
LED Light Source
PI227MC-A4
660 nm RED LED Bar
PI228MC-A4
High power Yellow-Green LED Bar
PI229MC-A4
Low power Yellow-Green LED Bar
Table 2. Module Vs LED Light Source
Absolute Maximum Rating:
Table 3A shows the absolute maximum ratings. The parameters are common to all three
modules. Table 3B shows the absolute maximum ratings that are different among the
three modules.
Parameter
Symbols
Maximum Rating
Units
Vdd
7
V
Idd
100
ma
Vn
-15
V
Power Supply
In
35
ma
Input clock pulse
(high level)
Vih
Vdd – 0.5V
V
Input clock pulse
(low level)
Vil
-0.5
V
Note: These parameters are absolute maximums do not operate under these conditions.
Table 3A. Electrical Absolute Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Module
PI227MC-A4
PI228MC-A4
PI229MC-A4
VLED
6.0
6.0
6.0
V
Power Supply:
LED light source
ILED
0.7
1.30
1.30
A
Note: These parameters are absolute maximums do not operate under these conditions
.
Table 3B. LED Power Absolute Maximum Rating
PAGE 4 OF 10 - PI227/228/229, 01-31-04



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com