Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQ20/R Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # EQ20/R
Description  EQ cores and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EQ20/R Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  EQ20/R Datasheet HTML 1Page - Ferroxcube International Holding B.V. EQ20/R Datasheet HTML 2Page - Ferroxcube International Holding B.V. EQ20/R Datasheet HTML 3Page - Ferroxcube International Holding B.V. EQ20/R Datasheet HTML 4Page - Ferroxcube International Holding B.V. EQ20/R Datasheet HTML 5Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2008 Sep 01
4
Ferroxcube
EQ cores and accessories
EQ20/R
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
CORE
COMBINATION
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 10 kHz;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f= 100 kHz;
= 200 mT;
T=25
°C
f = 100 kHz;
=200 mT;
T = 100
°C
f = 500 kHz;
=50 mT;
T = 100
°C
EQ+EQ20/R-3C94
≥ 320
≤ 0.17
−≤ 1.2
−
EQ+PLT20/S-3C94
≥ 320
≤ 0.13
−≤ 0.9
−
EQ+EQ20/R-3C95
≥ 320
−≤ 1.16
≤ 1.1
−
EQ+PLT20/S-3C95
≥ 320
−≤ 0.89
≤ 0.84
−
EQ+EQ20/R-3C96
≥ 340
≤ 0.13
−≤ 0.9
≤ 0.74
EQ+PLT20/S-3C96
≥ 340
≤ 0.091
−≤ 0.68
≤ 0.56
EQ+EQ20/R-3F35
≥ 300
−−
−
≤ 0.27
EQ+PLT20/S-3F35
≥ 300
−−
−
≤ 0.2
CORE
COMBINATION
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 10 kHz;
T = 100
°C
f = 500 kHz;
= 100 mT;
T = 100
°C
f= 1 MHz;
=30 mT;
T=100
°C
f= 1 MHz;
=50 mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T=100
°C
EQ+EQ20/R-3F35
≥ 300
≤ 2.1
−−
−
EQ+PLT20/S-3F35
≥ 300
≤ 1.6
−−
−
EQ+EQ20/R-3F4
≥ 300
−≤ 0.6
−≤ 0.94
EQ+PLT20/S-3F4
≥ 300
−≤ 0.45
−≤ 0.72
EQ+EQ20/R-3F45
≥ 300
−≤ 0.45
≤ 1.7
≤ 0.75
EQ+PLT20/S-3F45
≥ 300
−≤ 0.35
≤ 1.3
≤ 0.6
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
MOUNTING PARTS
General data
ITEM
SPECIFICATION
Clamping force
≈ 30 N
Clamp material
corrosion resisting steel (CrNi)
Type number
CLM-EQ20/PLT20
19.65
7.2
3.15
R 0.25
85
°
20.4
± 0.3
0.4
8.6
± 0.1
1.6
MFP120
2.5
Fig.3 Mounting clamp for EQ20/R + PLT20/S.
Dimensions in mm.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com