Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2RO-P113 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # C2RO-P113
Description  Serie PA Description
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

C2RO-P113 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  C2RO-P113 Datasheet HTML 1Page - Cherry Semiconductor Corporation C2RO-P113 Datasheet HTML 2Page - Cherry Semiconductor Corporation C2RO-P113 Datasheet HTML 3Page - Cherry Semiconductor Corporation C2RO-P113 Datasheet HTML 4Page - Cherry Semiconductor Corporation C2RO-P113 Datasheet HTML 5Page - Cherry Semiconductor Corporation C2RO-P113 Datasheet HTML 6Page - Cherry Semiconductor Corporation C2RO-P113 Datasheet HTML 7Page - Cherry Semiconductor Corporation C2RO-P113 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5
PCB terminals
PA: Series
A:
Q.C. terminal
C:
Code BCD
3:
PCB
short
4:
4 indiv. Switches,
completely assembled
with endcaps
00: Standard version
Example
Ordering index
PA
C
A - 3
4
00
e
Single switch or qty. or assembled
switches (1 – 9) with endcaps
a
bcdef
Switching
Code
Readout
Truth table
PCB-
PCB
PCB
Code
position
Other codes
no
terminal no.
short
extended
on request
(refer to page 3)
10
Dezimal
0 - 9
2
1/8
•
•
A
10
BCD
0 - 9
1
2/9
•
•
C
10
BCD Complement
0 - 9
11
5
•
E
10
BCD + Complement
0 - 9
8
4
•
F
10
Single pole repeating
+/– alt.
4
6/13
•
•
P
16
Hexadecimal
0 - 15
5
3/10
•
•
G
16
Hexadecimal
0 - 9, A - F
5
3/10
•
•
H
Codes b
Terminals
Index
Q.C. terminals
A
Solder pins
F
Terminals c
PCB version
Index
short
3
extended
4
PCB versions d
Endcap left
609-0801
Endcap right
609-0799
Housing 7,62 mm
609-0797
Spacer 2,54 mm
609-0803
Accessories for assembly
Stock codes
f
Version (Standard = 00)
C
1
2
6 Spacing 5,08
1 2 4 8 C
5 Spacing 2,54
4 Spacing 2,54
V 1 2 4 8 C
R 1 2 4 8
C 1 2 4 8
3 Spacing 2,54
1 2 4 8 C
2 Spacing 2,54
V 1 3 5 7 9
R 2 4 C 6 8 0
Spacing 2
1
2,54
2,54
C
1
2
13 Spacing 5,08
C 1 2 4 8
10 Spacing 2,54
1 2 4 8 C
Spacing 2,54
9
V 1 3 5 7 9
R 2 4 C 6 8 0
Spacing 2
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com