| Electronic Components Datasheet Search |
|
PL75-9 Datasheet(PDF) 24 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75-9 Datasheet(HTML) 24 Page - Emerson Network Power |
|
24 / 100 page ![]() 22 Coupling Key Intermediate Socket Type Code Contact Pin 3-lug P BJ450PP BJ450PS 3-lug R BJ450RP BJ450RS 3-lug W BJ450WP BJ450WS 4-lug FL BJ450FLP BJ450FLS Threaded - BJ3450P BJ3450S Mounting Holes: DD8.130 DD8.125 (Threaded) Mounting Holes: DD8.130 DD8.125 (Threaded) Mounting Holes: DD8.250 DD8.125 (Threaded) Coupling RFI Intermediate Socket Type Caps Contact Pin 3-lug RFI457- TBJ451P- -R TBJ451S- -R 3-lug RFI457- TBJ451P- -R TBJ451S- -R 3-lug RFI457- TBJ451P- -R TBJ451S- -R 4-lug RFI457FL- TBJ451FLP- -R TBJ451FLS- -R Threaded RFI3457- TBJ3451P- -R TBJ3451S- -R .080" 90 ° TYP .067" .062" TYP .067" .062" TYP .067" .062" TYP .067" .062" TYP 125 ° 110 ° 125 ° .080" .080" 125 ° 125 ° 110 ° 125 ° 125 ° 110 ° P R W FL SOLDER POT ACCEPTS .026 DIA CONDUCTOR .438 HEX NUT .438 HEX NUT .3125-32UNEF-2A .750 MAX .240 DIA .075 .795 .047 DIA SAFETY WIRE HOLES 2 PLACES 1.03 .240 DIA .437 HEX NUT .456 .075 .795 1.03 .3125-32UNEF-2A SOLDER POT ACCEPTS .026 MAX DIA COND. .750 MAX BJ457FLP-1 SHOWN .438 HEX NUT .047 DIA SAFETY WIRE HOLES 2 PLACES PLR455ACPP-201 (1.25) SEALING SLEEVE .500 DIA OVER KNURL .030 1.46 1.10 MAX The 450 Series was designed for airborne digital data bus applications utilizing the MIL-STD-1553B data bus. The 450 Series will fit most twinax cables. Connectors are available in five different coupling configurations which include 3-lug versions with three (3) separate keyings, a 4-lug, and a threaded version with safety wire holes. Diagrams shown above are for plugs. Refer to page 23 for photo of intermediate contacts. Concentric Twinax 450 Series 3-lug & 4-lug Keyings Coupling Key Intermediate Socket Type Code Contact Pin 3-lug P BJ457PP BJ457PS 3-lug R BJ457RP BJ457RS 3-lug W BJ457WP BJ457WS 4-lug FL BJ457FLP BJ457FLS Threaded - BJ3457P BJ3457S Chain options see page 57. “D” mounting holes see page 54. Twinax/Triax Connectors / Concentric Twinax 450 Series Bulkhead Jack Rear mount, Solder pot Right Angle Cable Plug All Crimp Bulkhead Jack Front mount, Solder pot Coupling Key Intermediate Socket Type Code Contact Pin 3-lug P PLR455ACPP- PLR455ACPS- 3-lug R PLR455ACRP- PLR455ACRS- 3-lug W PLR455ACWP- PLR455ACWS- 4-lug FL PLR455ACFLP- PLR455ACFLS- Threaded - PLR3455ACP- PLR3455ACS- RFI Jack Caps & Bulkhead Jack Terminations For use with 450 Series Plugs Rear Mount Refer to Cable Group Tables, pages 74-91. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |