Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375MC-213 Datasheet(PDF) 49 Page - Emerson Network Power

Part # PL375MC-213
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375MC-213 Datasheet(HTML) 49 Page - Emerson Network Power

Back Button PL375MC-213 Datasheet HTML 45Page - Emerson Network Power PL375MC-213 Datasheet HTML 46Page - Emerson Network Power PL375MC-213 Datasheet HTML 47Page - Emerson Network Power PL375MC-213 Datasheet HTML 48Page - Emerson Network Power PL375MC-213 Datasheet HTML 49Page - Emerson Network Power PL375MC-213 Datasheet HTML 50Page - Emerson Network Power PL375MC-213 Datasheet HTML 51Page - Emerson Network Power PL375MC-213 Datasheet HTML 52Page - Emerson Network Power PL375MC-213 Datasheet HTML 53Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
47
B
A
.437 WRENCH FLATS
.312 WRENCH FLATS
.375 DIA
B
A
.437 WRENCH FLATS
.312 WRENCH FLATS
.375 DIA
1.818
.946
.298
.460 OR .590 DIA MAX
.375 HEX
.375 WRENCH FLATS
.299
.297
DIA
2.099
.946
.946
2.142
.375 HEX
.500 WRENCH FLATS
.298
BNC
.570 DIA KNURL
.375 DIA
A
.471
R
= Resistance
.299
.297
DIA
1.610
1.876
.312 HEX
.375 HEX
.508
CABLE ENTRY
DASH
CABLE
A
NO
ACCOMMODATED
HEX
-009
8218, BELDEN
.178
21-597, ESSEX
YR23023, BELDEN
-013A
TCC-75-2, TROMPETER
.255
8241F, BELDEN
-014
8212, BELDEN
.255
-025
734A TYPE
.255
-026
735A TYPE
.178
-027
KS19224L2 LUCENT
.178
PL1MWLT-(DASH NO)
Patching Products / Standard & Mini-WECo Coax
Patch Plugs
Patch Plug
Shield Crimp
50Ω RCA Center Pin – .070” A=2.73” B=1.50”................... PL1C-
75Ω WE Center Pin – .090” A=2.45” B=1.22”................. PL1WC-
(WECo 358 type)
Termination Plug
No Chain
50Ω RCA Center Pin – .070” A=2.81” B=1.58”...................... TP-1-R
No Chain
75Ω WE Center Pin – .090” A=2.45” B=1.25”.................... TPW-1-R
For other chain options, see
page 63.
(WECo 340C type)
Adapters
Patch Plug to BNC/TNC
50Ω RCA Plug Center Pin .070” 50Ω BNC A= 2.774”................ AD1
50Ω RCA Plug Center Pin .070” 50Ω TNC A= 2.774”.............. ADH1
75Ω WE Center Pin .090” 75Ω BNC A= 2.83”........................ AD1W
75Ω WE Center Pin .090” 75Ω BNC A= 1.93”................... AD1WHD
75Ω WE Center Pin .090” 75Ω TNC A= 2.83”...................... ADH1W
(WECo 358 type)
Patch Plug
Standard BNC Strip Dimension Crimp Contact, Crimp Shield
PL11SC-
(WECo 440 Type)
Patch Plug
Standard Crimp Plug with Locking Tab
PL11SCLT-
(WECo 440 type)
Patch Plug
Solder Contact, Crimp Shield
PL11C-
(WECo 440 type)
Adapter
75Ω Miniature Patch Plug to 75Ω BNC
ADMW12
(Mini-WECo type)
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com