Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL155ACFL-201 Datasheet(PDF) 69 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 69 Page - Emerson Network Power

Back Button PL155ACFL-201 Datasheet HTML 65Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 66Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 67Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 68Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 69Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 70Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 71Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 72Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 73Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
67
Twinax/Triax Cable Specs
Trompeter Cable Specifications
Appendix
Twinax
Triax
Cable
Designation
TWC-78-1
TWC-78-2
M17/176-
00002
TWAC-78-
1F2
TWC-124-
1A
TWC-124-2
TRC-50-1
TRC-50-2
TRC-75-1
TRC-75-2
Impedance
(Ohms)
78±3
78±3
77±7
77±7
124±4
124±4
50±2
50±2
75±5
75±5
Nominal outer
dia.
0.150
0.242
0.129
0.095
0.150
0.245
0.156
0.245
0.189
0.245
Outer braid
dia.
0.108
0.195 Max
0.102
0.070
0.105
0.195 Max
0.121
0.210 Max
0.150
0.205
Core outer dia. 0.085
0.154
0.084
0.052
0.085
0.162
Dielectric
outer dia.
0.043
0.076
0.042
0.026
0.043
0.080
0.047
0.116
0.073
0.116
Inner braid
outer dia.
0.069 Max
0.146 Max
0.093
0.146 Max
Inner jacket
outer dia.
0.101
0.175
0.130
0.175
Conductor
outer dia.
.022
0.0370
0.0230 Min.
0.0149
0.0120
0.0220
0.0150
0.0370
0.0120
.0185
Operating
temperature
Range
-40°C to
80°C
-40°C to
80°C
-55°C to
200°C
-55°C to
200°C
-40°C to
80°C
-40°C to
80°C
-40°C to
75°C
-40°C to
80°C
-40°C to
80°C
-40°C to
80°C
Minimum
bend radius
(in.)
1.50 Max
1.25
1.50
1.25
1.50
1.25
0.75
1.25
1.00
1.25
Max. Opr. VDC
0.6 KV Max
2.0 KV
0.6 KV
2.0 KV
2.0 KV
6.0 KV
2.0 KV
6.0 KV Max
Max. Opr. VAC
(RMS)
0.3 KV Max
1.0 KV
750 KV Max
250
0.3 KV
1.0 KV
1.0 KV
2.0 KV
1.0 KV
2.0 KV Max
Capacitance
pf/ft. (Max)
20.30 Max
(2)
21.20 (3)
24.00
23.00
12.40
12.30 (3)
29.50
32.00 (1)
20.00
20.50 (1)
Cond. loop
res.(Ohms/M
ft.)
179 Max
19.00 Max
48.00
146.00
570.60
56.80 Max
Atten. dB/100 ft.:
1 MHz
2.000
0.700
1.400
2.000
3.250
0.540
2.800
0.500
0.900
0.480
3 MHz
3.000
1.100
2.100
4.400
0.920
3.100
0.800
1.300
0.880
4 MHz
3.500
1.400
2.400
4.800
1.060
3.300
0.900
1.500
1.010
5 MHz
4.000
1.550
2.800
5.200
1.180
3.400
1.100
1.700
1.100
7 MHz
4.500
1.800
3.500
5.600
1.400
3.700
1.300
1.900
1.300
10 MHz
5.300
2.200
4.50 Max
6.500
5.900
1.650
4.100
1.500
2.400
1.500
20 MHz
7.50
3.10
8.30
2.30
5.50
2.30
3.60
2.30
30 MHz
9.20
3.90
10.20
2.80
7.00
2.90
4.50
2.90
40 MHz
10.60
4.50
11.80
3.20
7.50
3.40
5.40
3.30
50 MHz
11.90
5.10
13.20
3.60
9.10
3.90
6.10
3.60
100 MHz
16.80
7.50
18.70
5.10
14.00
5.80
9.70
5.20
200 MHz
23.70
10.50
26.40
7.20
22.00
8.80
16.50
7.60
500 MHz
37.50
16.00
41.70
11.40
40.00
15.30
28.50
10.80
700 MHz
44.30
18.60
49.40
13.50
50.00
18.00
36.00
14.70
1 GHz
53.00
22.50
59.00
16.20
63.00
23.00
45.00
17.60
Shielded
coverage
93%
93%
93.3%
90% Min.
93%
93%
93% Min.
93%
93% Min.
93%
Twist per ft.
8.00
4.00
11-14
16.00
8.00
4.00
High Temperature:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com