Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3039 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # PI3039
Description  600DPI CIS Image Sensor Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3039 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  PI3039 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SYMBOL
FUNCTION
SP
Start Pulse: Input to start the line scan.
CP
Clock Pulse: Input to clock the Shift Register.
VDD
Positive Supply: +5 volt supply connected to substrate.
VSS
VSS is tied to ground: Connection topside common
IOUT
Video Signal Current Output from a source follower.
EOS
End of Scan Pulse: Output from the shift register at end of scan.
Table 1. Pad Symbols and Functions
Figure 2. Bonding Pad Layout Diagram:
Figure 2 shows the bonding pad locations for PI3039 Sensor Chip. The locations are referenced to the
lower left corner of the die.
Electro-Optical Characteristics (25
o C)
Table 2, below, lists the electro-optical characteristics of PI3039 sensor chip at 25
o C.
Parameters
Symbols
Typical
Units
Notes
Number of Photo-elements
192
elements
Pixel-to-pixel spacing
42
µm
Chip scanning rate
Tint (1)
38.4
µsec
@ typical 5 MHz pixel rate.
See note 2.
Clock frequency
fclk (2)
5.0
MHz
See note 2
IOUT (Saturation charge
output for a given sample time)
At 5.0 MHz clock frequency.
Qsat (3)
170 to 200
pC
With 570nm light source.
At saturation exposure of
5.7 Joules/cm
2
PAGE 2 OF 10, PI3039, 12/2/02
8080 µm
333 µm
Read Line
PI3039 IMAGE SENSOR, 192 PIXELS, 42 µm PITCH
SP
CP
VDD
VSS
IOUT
EOS
360 µm
NOTE: ALL PAD OPENINGS ARE 140 X 80 µm
SP
CP
VDD
VSS
IOUT
EOS
PAD
FUNCTION
Y
X
START INPUT
CLOCK INPUT
+5 SUPPLY
TIED TO GROUND
VIDEO SIGNAL OUT
SCAN OUTPUT
30
30
30
30
30
30
575
2195
3295
4373
5495
7272
NOTES:
1. THE DRAWING IS NOT TO SCALE.
2. THE DIE LENGTH AND WIDTH ARE GIVEN AS SHOWN.
3. THE PAD LOCATION ARE GIVEN IN THE TABLE.
4. THERE ARE 2 EXAMPLES OF THE X & Y LOCATIONS
SHOWN ON THE FIRST 2 PADS.
5. ALL DIMENSIONS ARE IN µm.
X
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com