Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1703 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F1703
Description  14/20-Pin 8-Bit Advanced Analog Flash Microcontrollers
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1703 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F1703 Datasheet HTML 9Page - Microchip Technology PIC16F1703 Datasheet HTML 10Page - Microchip Technology PIC16F1703 Datasheet HTML 11Page - Microchip Technology PIC16F1703 Datasheet HTML 12Page - Microchip Technology PIC16F1703 Datasheet HTML 13Page - Microchip Technology PIC16F1703 Datasheet HTML 14Page - Microchip Technology PIC16F1703 Datasheet HTML 15Page - Microchip Technology PIC16F1703 Datasheet HTML 16Page - Microchip Technology PIC16F1703 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 341 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS40001722A-page 13
PIC16(L)F1703/7
TABLE 1-3:
PIC16(L)F1707 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/VREF-/ICSPDAT
RA0
TTL/ST CMOS General purpose I/O.
AN0
AN
—
ADC Channel 0 input.
VREF-
AN
—
ADC Negative Voltage Reference input.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
RA1/AN1/VREF+/ICSPCLK
RA1
TTL/ST CMOS General purpose I/O.
AN1
AN
—
ADC Channel 1 input.
VREF+
AN
—
ADC Voltage Reference input.
ICSPCLK
ST
—
Serial Programming Clock.
RA2/AN2/ZCD/
T0CKI(1)/INT(1)
RA2
TTL/ST CMOS General purpose I/O.
AN2
AN
—
ADC Channel 2 input.
ZCD
—
AN
Zero-Cross Detection Current Source/Sink.
T0CKI
ST
—
Timer0 clock input.
INT
ST
—
External interrupt.
RA3/MCLR/VPP
RA3
TTL/ST CMOS General purpose I/O.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
RA4/AN3/T1G(1)/SOSCO/
OSC2/CLKOUT
RA4
TTL/ST CMOS General purpose I/O.
AN3
AN
—
ADC Channel 3 input.
T1G
ST
—
Timer1 gate input.
SOSCO
XTAL
XTAL
Secondary Oscillator Connection.
OSC2
—
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
—
CMOS FOSC/4 output.
RA5/T1CKI/SOSCI/OSC1/CLKIN
RA5
TTL/ST CMOS General purpose I/O.
T1CKI
ST
—
Timer1 clock input.
SOSCI
XTAL
XTAL
Secondary Oscillator Connection.
OSC1
—
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKIN
ST
—
External clock input (EC mode).
RB4/AN10/OPA1IN-/SCK(1)/
SDA(3)
RB4
TTL/ST CMOS General purpose I/O.
AN10
AN
—
ADC Channel 10 input.
OPA1IN-
AN
—
Operational Amplifier 1 inverting input.
SCK
ST
CMOS SPI clock.
SDA
I2COD
I2C™ data input/output.
RB5/AN11/OPA1IN+
RB5
TTL/ST CMOS General purpose I/O.
AN11
AN
—
ADC Channel 11 input.
OPA1IN+
AN
—
Operational Amplifier 1 non-inverting input.
RB6/SDI(1)/SCL(3)
RB6
TTL/ST CMOS General purpose I/O.
SDI
CMOS
—
SPI data input.
SCL
I2COD
I2C™ clock.
RB7
RB7
TTL/ST CMOS General purpose I/O.
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal levels
Note 1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. See Register 12-2.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a digital peripheral output with the PPS output
selection registers. See Register 12-3.
3:
These I2C functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com